Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGP30N6S2 Datasheet (PDF) - Fairchild Semiconductor

FGP30N6S2 Datasheet PDF - Fairchild Semiconductor
Part # FGP30N6S2
Download  FGP30N6S2 Download

File Size   177.95 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 600V, SMPS II Series N-Channel IGBT

FGP30N6S2 Datasheet (PDF)

Go To PDF Page Download Datasheet
FGP30N6S2 Datasheet PDF - Fairchild Semiconductor

Part # FGP30N6S2
Download  FGP30N6S2 Click to download

File Size   177.95 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 600V, SMPS II Series N-Channel IGBT

FGP30N6S2 Datasheet (HTML) - Fairchild Semiconductor

FGP30N6S2 Datasheet HTML 1Page - Fairchild Semiconductor FGP30N6S2 Datasheet HTML 2Page - Fairchild Semiconductor FGP30N6S2 Datasheet HTML 3Page - Fairchild Semiconductor FGP30N6S2 Datasheet HTML 4Page - Fairchild Semiconductor FGP30N6S2 Datasheet HTML 5Page - Fairchild Semiconductor FGP30N6S2 Datasheet HTML 6Page - Fairchild Semiconductor FGP30N6S2 Datasheet HTML 7Page - Fairchild Semiconductor FGP30N6S2 Datasheet HTML 8Page - Fairchild Semiconductor

FGP30N6S2 Product details

General Description
The FGH30N6S2, FGP30N6S2, and FGB30N6S2 are Low Gate Charge, Low Plateau Voltage SMPS II IGBTs combining the fast switching speed of the SMPS IGBTs along with lower gate charge and plateau voltage and avalanche capability (UIS). These LGC devices shorten delay times, and reduce the power requirement of the gate drive.

Features
• 100kHz Operation at 390V, 14A
• 200kHZ Operation at 390V, 9A
• 600V Switching SOA Capability
• Typical Fall Time. . . . . . . . . . . 90ns at TJ = 125°CC
• Low Gate Charge . . . . . . . . . 23nC at VGE = 15V
• Low Plateau Voltage . . . . . . . . . . . . .6.5V Typical
• UIS Rated . . . . . . . . . . . . . . . . . . . . . . . . . 150mJ
• Low Conduction Loss




Similar Part No. - FGP30N6S2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGP30N6S2 FAIRCHILD-FGP30N6S2 Datasheet
259Kb / 11P
   600V, SMPS II Series N-Channel IGBT
FGP30N6S2 FAIRCHILD-FGP30N6S2 Datasheet
179Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGP30N6S2D FAIRCHILD-FGP30N6S2D Datasheet
281Kb / 12P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGP30N6S2D FAIRCHILD-FGP30N6S2D Datasheet
287Kb / 12P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
More results


Similar Description - FGP30N6S2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH50N6S2 FAIRCHILD-FGH50N6S2 Datasheet
173Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGH30N6S2 FAIRCHILD-FGH30N6S2_01 Datasheet
259Kb / 11P
   600V, SMPS II Series N-Channel IGBT
FGB30N6S2T FAIRCHILD-FGB30N6S2T Datasheet
179Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGH20N6S2 FAIRCHILD-FGH20N6S2 Datasheet
183Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGH40N6S2 FAIRCHILD-FGH40N6S2 Datasheet
176Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGH60N6S2 FAIRCHILD-FGH60N6S2 Datasheet
175Kb / 8P
   600V, SMPS II Series N-Channel IGBT
logo
Intersil Corporation
HGTD7N60A4S INTERSIL-HGTD7N60A4S Datasheet
168Kb / 11P
   600V, SMPS Series N-Channel IGBT
June 2000
logo
Fairchild Semiconductor
HGT1S7N60A4S9A FAIRCHILD-HGT1S7N60A4S9A Datasheet
204Kb / 8P
   600V, SMPS Series N-Channel IGBT
HGTD3N60A4S FAIRCHILD-HGTD3N60A4S Datasheet
189Kb / 8P
   600V, SMPS Series N-Channel IGBT
HGTG40N60A4 FAIRCHILD-HGTG40N60A4 Datasheet
181Kb / 8P
   600V, SMPS Series N-Channel IGBT
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com