Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145026P Datasheet (PDF) - Freescale Semiconductor, Inc

MC145026P Datasheet PDF - Freescale Semiconductor, Inc
Part # MC145026P
Download  MC145026P Download

File Size   157.83 Kbytes
Page   20 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description  Encoder and Decoder Pairs

MC145026P Datasheet (PDF)

Go To PDF Page Download Datasheet
MC145026P Datasheet PDF - Freescale Semiconductor, Inc

Part # MC145026P
Download  MC145026P Click to download

File Size   157.83 Kbytes
Page   20 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description  Encoder and Decoder Pairs

MC145026P Datasheet (HTML) - Freescale Semiconductor, Inc

Back Button MC145026P Datasheet HTML 1Page - Freescale Semiconductor, Inc MC145026P Datasheet HTML 2Page - Freescale Semiconductor, Inc MC145026P Datasheet HTML 3Page - Freescale Semiconductor, Inc MC145026P Datasheet HTML 4Page - Freescale Semiconductor, Inc MC145026P Datasheet HTML 5Page - Freescale Semiconductor, Inc MC145026P Datasheet HTML 6Page - Freescale Semiconductor, Inc MC145026P Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145026P Datasheet HTML 8Page - Freescale Semiconductor, Inc MC145026P Datasheet HTML 9Page - Freescale Semiconductor, Inc MC145026P Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button 

MC145026P Product details

Encoder and Decoder Pairs CMOS

These devices are designed to be used as encoder/decoder pairs in remote control applications.
The MC145026 encodes nine lines of information and serially sends this information upon receipt of a transmit enable (TE) signal. The nine lines may be encoded with trinary data (low, high, or open) or binary data (low or high). The words are transmitted twice per encoding sequence to increase security.

• Operating Temperature Range: – 40 to + 85°C
• Very–Low Standby Current for the Encoder: 300 nA Maximum @ 25°C
• Interfaces with RF, Ultrasonic, or Infrared Modulators and Demodulators
• RC Oscillator, No Crystal Required
• High External Component Tolerance; Can Use ±5% Components
• Internal Power–On Reset Forces All Decoder Outputs Low
• Operating Voltage Range: MC145026 = 2.5 to 18 V*
                                     MC145027, MC145028 = 4.5 to 18 V
• Low–Voltage Versions Available:
  SC41343 = 2.8 to 10 V Version of the MC145027
  SC41344 = 2.8 to 10 V Version of the MC145028
• For Infrared Applications, See Application Note AN1016/D




Similar Part No. - MC145026P

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145026P MOTOROLA-MC145026P Datasheet
490Kb / 18P
   Encoder and Decoder Pairs CMOS
logo
LANSDALE Semiconductor ...
MC145026P LANSDALE-MC145026P Datasheet
1Mb / 19P
   Encoder and Decoder Pairs
logo
Freescale Semiconductor...
MC145026P FREESCALE-MC145026P Datasheet
698Kb / 20P
   Encoder and Decoder Pairs CMOS
More results






About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com