Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7611BSWZ-RL Datasheet (PDF) - Analog Devices

ADV7611BSWZ-RL Datasheet PDF - Analog Devices
Part # ADV7611BSWZ-RL
Download  ADV7611BSWZ-RL Download

File Size   245.28 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power 165 MHz HDMI Receiver

ADV7611BSWZ-RL Datasheet (PDF)

Go To PDF Page Download Datasheet
ADV7611BSWZ-RL Datasheet PDF - Analog Devices

Part # ADV7611BSWZ-RL
Download  ADV7611BSWZ-RL Click to download

File Size   245.28 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power 165 MHz HDMI Receiver

ADV7611BSWZ-RL Datasheet (HTML) - Analog Devices

Back Button ADV7611BSWZ-RL Datasheet HTML 1Page - Analog Devices ADV7611BSWZ-RL Datasheet HTML 2Page - Analog Devices ADV7611BSWZ-RL Datasheet HTML 3Page - Analog Devices ADV7611BSWZ-RL Datasheet HTML 4Page - Analog Devices ADV7611BSWZ-RL Datasheet HTML 5Page - Analog Devices ADV7611BSWZ-RL Datasheet HTML 6Page - Analog Devices ADV7611BSWZ-RL Datasheet HTML 7Page - Analog Devices ADV7611BSWZ-RL Datasheet HTML 8Page - Analog Devices ADV7611BSWZ-RL Datasheet HTML 9Page - Analog Devices ADV7611BSWZ-RL Datasheet HTML 10Page - Analog Devices Next Button 

ADV7611BSWZ-RL Product details

GENERAL DESCRIPTION

The ADV7611 is offered in automotive, professional (no HDCP), and industrial versions. The operating temperature range is −40°C to +85°C.

The UG-180 contains critical information that must be used in conjunction with the ADV7611.

The ADV7611 is a high quality, single input HDMI®-capable receiver. It incorporates an HDMI-capable receiver that supports all mandatory 3D TV defined in HDMI 1.4a. The ADV7611 supports formats up to UXGA 60 Hz at 8 bit.



FEATURES

High-Definition Multimedia Interface (HDMI®) 1.4a features supported

   All mandatory and additional 3D video formats supported

   Extended colorimetry, including sYCC601, Adobe RGB,

   Adobe YCC 601, xvYCC extended gamut color

   CEC 1.4-compatible

HDMI receiver

  165 MHz maximum TMDS clock frequency

  24-bit output pixel bus

  High-bandwidth Digital Content Protection (HDCP) 1.4 support with internal HDCP keys

  HDCP repeater support Up to 127 KSVs supported

  Integrated CEC controller

  Programmable HDMI equalizer

  5 V detect and Hot Plug assert for HDMI port

Audio support

   SPDIF (IEC 60958-compatible) digital audio

   HDMI audio extraction support

   Advanced audio mute feature

General

  Interrupt controller with two interrupt outputs

  Standard identification (STDI) circuit

  Highly flexible 24-bit pixel output interface

  Internal EDID RAM

  Any-to-any 3 × 3 color space conversion (CSC) matrix

  2-layer PCB design supported

  64-lead LQFP_EP, 10 mm × 10 mm package

Qualified for automotive applications



APPLICATIONS

Projectors

Automotive

Video conferencing

HDTVs

AVR, HTiB

Soundbars

Video switches



 




Similar Part No. - ADV7611BSWZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7610 AD-ADV7610 Datasheet
279Kb / 16P
   Low Power, 165 MHz HDMI Receiver
REV. 0
ADV7610BBCZ AD-ADV7610BBCZ Datasheet
279Kb / 16P
   Low Power, 165 MHz HDMI Receiver
REV. 0
ADV7610BBCZ-P AD-ADV7610BBCZ-P Datasheet
279Kb / 16P
   Low Power, 165 MHz HDMI Receiver
REV. 0
ADV7610BBCZ-P-RL AD-ADV7610BBCZ-P-RL Datasheet
279Kb / 16P
   Low Power, 165 MHz HDMI Receiver
REV. 0
ADV7610BBCZ-RL AD-ADV7610BBCZ-RL Datasheet
279Kb / 16P
   Low Power, 165 MHz HDMI Receiver
REV. 0
More results


Similar Description - ADV7611BSWZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7610 AD-ADV7610 Datasheet
279Kb / 16P
   Low Power, 165 MHz HDMI Receiver
REV. 0
ADV7511W AD-ADV7511W_12 Datasheet
199Kb / 12P
   165 MHz, High Performance HDMI Transmitter
ADV7513 AD-ADV7513_14 Datasheet
199Kb / 12P
   165 MHz, High Performance HDMI Transmitter
ADV7612 AD-ADV7612_14 Datasheet
308Kb / 20P
   Dual Port, Xpressview, 225 MHz HDMI Receiver
ADV7612BSWZ AD-ADV7612BSWZ Datasheet
501Kb / 20P
   Dual Port, Xpressview, 225 MHz HDMI Receiver
REV. D
logo
Silicon image
SII9033 SILICONIMAGE-SII9033 Datasheet
314Kb / 2P
   HDMI Receiver
SII9023 SILICONIMAGE-SII9023 Datasheet
310Kb / 2P
   HDMI Receiver
logo
Analog Devices
ADV7511W AD-ADV7511W Datasheet
191Kb / 12P
   165 MHz, High Performance HDMI Transmitter 3D video support
REV. 0
logo
Silicon image
SII9135 SILICONIMAGE-SII9135 Datasheet
288Kb / 2P
   VastLane??HDMI Receiver
SII9233 SILICONIMAGE-SII9233 Datasheet
240Kb / 2P
   VastLane HDMI Receiver
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com