Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST39SF020A-70-4C-WHE Datasheet (PDF) - Microchip Technology

SST39SF020A-70-4C-WHE Datasheet PDF - Microchip Technology
Part # SST39SF020A-70-4C-WHE
Download  SST39SF020A-70-4C-WHE Download

File Size   273.5 Kbytes
Page   28 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash

SST39SF020A-70-4C-WHE Datasheet (PDF)

Go To PDF Page Download Datasheet
SST39SF020A-70-4C-WHE Datasheet PDF - Microchip Technology

Part # SST39SF020A-70-4C-WHE
Download  SST39SF020A-70-4C-WHE Click to download

File Size   273.5 Kbytes
Page   28 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash

SST39SF020A-70-4C-WHE Datasheet (HTML) - Microchip Technology

Back Button SST39SF020A-70-4C-WHE Datasheet HTML 1Page - Microchip Technology SST39SF020A-70-4C-WHE Datasheet HTML 2Page - Microchip Technology SST39SF020A-70-4C-WHE Datasheet HTML 3Page - Microchip Technology SST39SF020A-70-4C-WHE Datasheet HTML 4Page - Microchip Technology SST39SF020A-70-4C-WHE Datasheet HTML 5Page - Microchip Technology SST39SF020A-70-4C-WHE Datasheet HTML 6Page - Microchip Technology SST39SF020A-70-4C-WHE Datasheet HTML 7Page - Microchip Technology SST39SF020A-70-4C-WHE Datasheet HTML 8Page - Microchip Technology SST39SF020A-70-4C-WHE Datasheet HTML 9Page - Microchip Technology SST39SF020A-70-4C-WHE Datasheet HTML 10Page - Microchip Technology Next Button 

SST39SF020A-70-4C-WHE Product details

Product Description
The SST39SF010A/020A/040 are CMOS Multi-Purpose Flash (MPF) manufactured with SST’s proprietary, high performance CMOS SuperFlash technology. The split-gate cell design and thick oxide tunneling injector attain better reliability and manufacturability compared with alternate approaches. The SST39SF010A/020A/040 devices write (Program or Erase) with a 4.5-5.5V power supply. The SST39SF010A/020A/040 devices conform to JEDEC standard pinouts for x8 memories.

Features
• Organized as 128K x8 / 256K x8 / 512K x8
• Single 4.5-5.5V Read and Write Operations
• Superior Reliability
    – Endurance: 100,000 Cycles (typical)
    – Greater than 100 years Data Retention
• Low Power Consumption (typical values at 14 MHz)
    – Active Current: 10 mA (typical)
    – Standby Current: 30 µA (typical)
• Sector-Erase Capability
    – Uniform 4 KByte sectors
• Fast Read Access Time:
    – 55 ns
    – 70 ns
• Latched Address and Data
• Automatic Write Timing
    – Internal VPP Generation
• Fast Erase and Byte-Program
    – Sector-Erase Time: 18 ms (typical)
    – Chip-Erase Time: 70 ms (typical)
    – Byte-Program Time: 14 µs (typical)
    – Chip Rewrite Time:
        2 seconds (typical) for SST39SF010A
        4 seconds (typical) for SST39SF020A
        8 seconds (typical) for SST39SF040
• End-of-Write Detection
    – Toggle Bit
    – Data# Polling
• TTL I/O Compatibility
• JEDEC Standard
    – Flash EEPROM Pinouts and command sets
• Packages Available
    – 32-lead PLCC
    – 32-lead TSOP (8mm x 14mm)
    – 32-pin PDIP
• All devices are RoHS compliant




Similar Part No. - SST39SF020A-70-4C-WHE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39SF020A-70-4C-WHE SST-SST39SF020A-70-4C-WHE Datasheet
379Kb / 24P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
logo
Microchip Technology
SST39SF020A-70-4C-WHE MICROCHIP-SST39SF020A-70-4C-WHE Datasheet
227Kb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
04/16
SST39SF020A-70-4C-WHE MICROCHIP-SST39SF020A-70-4C-WHE Datasheet
3Mb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2002-2016
More results


Similar Description - SST39SF020A-70-4C-WHE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39SF010A SST-SST39SF010A Datasheet
271Kb / 22P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF010A SST-SST39SF010A_04 Datasheet
379Kb / 24P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
logo
Microchip Technology
SST39LF010 MICROCHIP-SST39LF010 Datasheet
267Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Revision B / June 2013
SST39SF010A MICROCHIP-SST39SF010A_16 Datasheet
227Kb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
04/16
SST39SF040A MICROCHIP-SST39SF040A Datasheet
3Mb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2002-2016
logo
Silicon Storage Technol...
SST39LF512 SST-SST39LF512_10 Datasheet
640Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512_06 Datasheet
454Kb / 25P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512 Datasheet
284Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF080 SST-SST39LF080 Datasheet
311Kb / 26P
   8 Mbit / 16 Mbit (x8) Multi-Purpose Flash
logo
Microchip Technology
SST39VF800A-70-4I-B3KE-T MICROCHIP-SST39VF800A-70-4I-B3KE-T Datasheet
4Mb / 37P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
03/11
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com