Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDS4559 Datasheet (PDF) - Fairchild Semiconductor

FDS4559 Datasheet PDF - Fairchild Semiconductor
Part # FDS4559
Download  FDS4559 Download

File Size   147.37 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 60V Complementary PowerTrench MOSFET

FDS4559 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDS4559 Datasheet PDF - Fairchild Semiconductor

Part # FDS4559
Download  FDS4559 Click to download

File Size   147.37 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 60V Complementary PowerTrench MOSFET

FDS4559 Datasheet (HTML) - Fairchild Semiconductor

FDS4559 Datasheet HTML 1Page - Fairchild Semiconductor FDS4559 Datasheet HTML 2Page - Fairchild Semiconductor FDS4559 Datasheet HTML 3Page - Fairchild Semiconductor FDS4559 Datasheet HTML 4Page - Fairchild Semiconductor FDS4559 Datasheet HTML 5Page - Fairchild Semiconductor FDS4559 Datasheet HTML 6Page - Fairchild Semiconductor FDS4559 Datasheet HTML 7Page - Fairchild Semiconductor FDS4559 Datasheet HTML 8Page - Fairchild Semiconductor

FDS4559 Product details

General Description
This complementary MOSFET device is produced using Fairchild’s advanced PowerTrench process that has been especially tailored to minimize the on-state resistance and yet maintain low gate charge for superior switching performance.

Features
• Q1: N-Channel
   4.5 A, 60 V
      RDS(on) = 55 mΩ @ VGS = 10V
      RDS(on) = 75 mΩ @ VGS = 4.5V
• Q2: P-Channel
   –3.5 A, –60 V
      RDS(on) = 105 mΩ @ VGS = –10V
      RDS(on) = 135 mΩ @ VGS = –4.5V




Similar Part No. - FDS4559

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
FDS4559-NL VBSEMI-FDS4559-NL Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
logo
Fairchild Semiconductor
FDS4559 FAIRCHILD-FDS4559_08 Datasheet
385Kb / 8P
   60V Complementary PowerTrench?숸OSFET
FDS4559_F085 FAIRCHILD-FDS4559_F085 Datasheet
385Kb / 8P
   60V Complementary PowerTrench MOSFET
More results


Similar Description - FDS4559

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KDS4559 KEXIN-KDS4559 Datasheet
78Kb / 3P
   60V Complementary PowerTrench MOSFET
KDS8333C KEXIN-KDS8333C Datasheet
80Kb / 3P
   60V Complementary PowerTrench MOSFET
logo
Fairchild Semiconductor
FDS4559_F085 FAIRCHILD-FDS4559_F085 Datasheet
385Kb / 8P
   60V Complementary PowerTrench MOSFET
FDS4559 FAIRCHILD-FDS4559_08 Datasheet
385Kb / 8P
   60V Complementary PowerTrench?숸OSFET
FDW2521C FAIRCHILD-FDW2521C Datasheet
149Kb / 8P
   Complementary PowerTrench MOSFET
FDC6020C FAIRCHILD-FDC6020C Datasheet
211Kb / 9P
   Complementary PowerTrench MOSFET
logo
ON Semiconductor
FDME1034CZT ONSEMI-FDME1034CZT Datasheet
316Kb / 12P
   MOSFET - Complementary, POWERTRENCH
October, 2019 ??Rev. 1
logo
Fairchild Semiconductor
FDW2520C FAIRCHILD-FDW2520C Datasheet
124Kb / 8P
   Complementary PowerTrench MOSFET
FDW2520C FAIRCHILD-FDW2520C_08 Datasheet
398Kb / 8P
   Complementary PowerTrench MOSFET
FDW2521C FAIRCHILD-FDW2521C_08 Datasheet
268Kb / 8P
   Complementary PowerTrench MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com