Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDS4070N7 Datasheet (PDF) - Fairchild Semiconductor

FDS4070N7 Datasheet PDF - Fairchild Semiconductor
Part # FDS4070N7
Download  FDS4070N7 Download

File Size   201.94 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 40V N-Channel PowerTrench MOSFET

FDS4070N7 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDS4070N7 Datasheet PDF - Fairchild Semiconductor

Part # FDS4070N7
Download  FDS4070N7 Click to download

File Size   201.94 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 40V N-Channel PowerTrench MOSFET

FDS4070N7 Datasheet (HTML) - Fairchild Semiconductor

FDS4070N7 Datasheet HTML 1Page - Fairchild Semiconductor FDS4070N7 Datasheet HTML 2Page - Fairchild Semiconductor FDS4070N7 Datasheet HTML 3Page - Fairchild Semiconductor FDS4070N7 Datasheet HTML 4Page - Fairchild Semiconductor FDS4070N7 Datasheet HTML 5Page - Fairchild Semiconductor FDS4070N7 Datasheet HTML 6Page - Fairchild Semiconductor FDS4070N7 Datasheet HTML 7Page - Fairchild Semiconductor

FDS4070N7 Product details

General Description
This N-Channel MOSFET has been designed specifically to improve the overall efficiency of DC/DC converters using either synchronous or conventional switching PWM controllers. It has been optimized for “low side” synchronous rectifier operation, providing an extremely low RDS(ON) in a small package.

Features
• 15.3 A, 40 V. RDS(ON) = 7 mΩ @ VGS = 10 V
• High performance trench technology for extremely low RDS(ON)
• High power and current handling capability
• Fast switching, low gate charge
• FLMP SO-8 package: Enhanced thermal
   performance in industry-standard package size
  
Applications
• Synchronous rectifier
• DC/DC converter




Similar Part No. - FDS4070N7

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS4070N7 FAIRCHILD-FDS4070N7 Datasheet
188Kb / 8P
   40V N-Channel PowerTrench MOSFET
FDS4070N7 FAIRCHILD-FDS4070N7_04 Datasheet
188Kb / 8P
   40V N-Channel PowerTrench MOSFET
More results


Similar Description - FDS4070N7

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS4470 FAIRCHILD-FDS4470 Datasheet
87Kb / 6P
   40V N-Channel PowerTrench MOSFET
FDS4770 FAIRCHILD-FDS4770 Datasheet
123Kb / 6P
   40V N-Channel PowerTrench MOSFET
FDS4070N3 FAIRCHILD-FDS4070N3 Datasheet
193Kb / 7P
   40V N-Channel PowerTrench MOSFET
FDS4072N7 FAIRCHILD-FDS4072N7 Datasheet
199Kb / 7P
   40V N-Channel PowerTrench MOSFET
FDS4780 FAIRCHILD-FDS4780 Datasheet
355Kb / 6P
   40V N-Channel PowerTrench MOSFET
FDS4070N3 FAIRCHILD-FDS4070N3_04 Datasheet
173Kb / 7P
   40V N-Channel PowerTrench MOSFET
FDS4070N7 FAIRCHILD-FDS4070N7_04 Datasheet
188Kb / 8P
   40V N-Channel PowerTrench MOSFET
FDB8447L FAIRCHILD-FDB8447L Datasheet
384Kb / 6P
   40V N-Channel PowerTrench MOSFET
FDS4672A FAIRCHILD-FDS4672A Datasheet
88Kb / 5P
   40V N-Channel PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDS4470 KEXIN-KDS4470 Datasheet
63Kb / 2P
   40V N-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDS4072N3 FAIRCHILD-FDS4072N3_04 Datasheet
171Kb / 7P
   40V N-Channel PowerTrench MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com