Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDS2170N7 Datasheet (PDF) - Fairchild Semiconductor

FDS2170N7 Datasheet PDF - Fairchild Semiconductor
Part # FDS2170N7
Download  FDS2170N7 Download

File Size   209.04 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 200V N-Channel PowerTrench MOSFET

FDS2170N7 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDS2170N7 Datasheet PDF - Fairchild Semiconductor

Part # FDS2170N7
Download  FDS2170N7 Click to download

File Size   209.04 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 200V N-Channel PowerTrench MOSFET

FDS2170N7 Datasheet (HTML) - Fairchild Semiconductor

FDS2170N7 Datasheet HTML 1Page - Fairchild Semiconductor FDS2170N7 Datasheet HTML 2Page - Fairchild Semiconductor FDS2170N7 Datasheet HTML 3Page - Fairchild Semiconductor FDS2170N7 Datasheet HTML 4Page - Fairchild Semiconductor FDS2170N7 Datasheet HTML 5Page - Fairchild Semiconductor FDS2170N7 Datasheet HTML 6Page - Fairchild Semiconductor

FDS2170N7 Product details

General Description
This N-Channel MOSFET has been designed specifically to improve the overall efficiency of DC/DC converters using either synchronous or conventional switching PWM controllers. It has been optimized for “low side” synchronous rectifier operation, providing an extremely low RDS(ON) in a small package.

Features
• 3.0 A, 200 V. RDS(ON) = 128 mΩ @ VGS = 10 V
• High performance trench technology for extremely low RDS(ON)
• High power and current handling capability
• Fast switching, low gate charge (26nC typical)
• FLMP SO-8 package: Enhanced thermal performance in industry-standard package size

Applications
• Synchronous rectifier
• DC/DC converter




Similar Part No. - FDS2170N7

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS2170N3 FAIRCHILD-FDS2170N3 Datasheet
201Kb / 6P
   200V N-Channel PowerTrench??MOSFET
More results


Similar Description - FDS2170N7

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC2612 FAIRCHILD-FDC2612 Datasheet
201Kb / 5P
   200V N-Channel PowerTrench MOSFET
logo
Kersemi Electronic Co.,...
KSM2614 KERSEMI-KSM2614 Datasheet
1Mb / 7P
   200V N-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDP2670 FAIRCHILD-FDP2670 Datasheet
83Kb / 5P
   200V N-Channel PowerTrench MOSFET
FDS2170N3 FAIRCHILD-FDS2170N3 Datasheet
201Kb / 6P
   200V N-Channel PowerTrench??MOSFET
logo
Guangdong Kexin Industr...
KDB2670 KEXIN-KDB2670 Datasheet
51Kb / 2P
   200V N-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDS2670 FAIRCHILD-FDS2670 Datasheet
339Kb / 8P
   200V N-Channel PowerTrench MOSFET
FDD2612 FAIRCHILD-FDD2612 Datasheet
110Kb / 5P
   200V N-Channel PowerTrench MOSFET
FDB2614 FAIRCHILD-FDB2614 Datasheet
759Kb / 8P
   200V N-Channel PowerTrench MOSFET
FDP2614 FAIRCHILD-FDP2614 Datasheet
349Kb / 8P
   200V N-Channel PowerTrench MOSFET
FDD2670 FAIRCHILD-FDD2670 Datasheet
95Kb / 5P
   200V N-Channel PowerTrench MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com