Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDB7030BL Datasheet (PDF) - Fairchild Semiconductor

FDB7030BL Datasheet PDF - Fairchild Semiconductor
Part # FDB7030BL
Download  FDB7030BL Download

File Size   112.6 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel Logic Level PowerTrenchTM MOSFET

FDB7030BL Datasheet (PDF)

Go To PDF Page Download Datasheet
FDB7030BL Datasheet PDF - Fairchild Semiconductor

Part # FDB7030BL
Download  FDB7030BL Click to download

File Size   112.6 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel Logic Level PowerTrenchTM MOSFET

FDB7030BL Datasheet (HTML) - Fairchild Semiconductor

FDB7030BL Datasheet HTML 1Page - Fairchild Semiconductor FDB7030BL Datasheet HTML 2Page - Fairchild Semiconductor FDB7030BL Datasheet HTML 3Page - Fairchild Semiconductor FDB7030BL Datasheet HTML 4Page - Fairchild Semiconductor FDB7030BL Datasheet HTML 5Page - Fairchild Semiconductor

FDB7030BL Product details

General Description

This N-Channel Logic Level MOSFET has been designed specifically to improve the overall efficiency of DC/DC converters using either synchronous or conventional switching PWM controllers.

These MOSFETs feature faster switching and lower gate charge than other MOSFETs with comparable RDS(ON) specifications.



Features

· 60 A, 30 V RDS(ON) = 9 mW @ VGS = 10 V

                 RDS(ON) = 12 mW @ VGS = 4.5 V

· Critical DC electrical parameters specified at elevated temperature

· High performance trench technology for extremely low RDS(ON)

· 175°C maximum junction temperature rating



 




Similar Part No. - FDB7030BL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB7030BLS FAIRCHILD-FDB7030BLS Datasheet
82Kb / 6P
   30V N-Channel PowerTrench짰SyncFET?
More results


Similar Description - FDB7030BL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP6035AL FAIRCHILD-FDP6035AL Datasheet
93Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDN359AN FAIRCHILD-FDN359AN Datasheet
264Kb / 8P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDP6670AL FAIRCHILD-FDP6670AL Datasheet
413Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDS6630A FAIRCHILD-FDS6630A Datasheet
197Kb / 8P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDD6690A FAIRCHILD-FDD6690A Datasheet
61Kb / 5P
   N-Channel, Logic Level, PowerTrenchTM MOSFET
FDN359BN-F095 FAIRCHILD-FDN359BN-F095 Datasheet
106Kb / 6P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDS6912A FAIRCHILD-FDS6912A Datasheet
222Kb / 4P
   Dual N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6612A FAIRCHILD-FDS6612A Datasheet
246Kb / 8P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6990A FAIRCHILD-FDS6990A Datasheet
119Kb / 5P
   Dual N-Channel Logic Level PowerTrenchTM MOSFET
FDC655AN FAIRCHILD-FDC655AN Datasheet
198Kb / 4P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com