Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDD5680 Datasheet (PDF) - Fairchild Semiconductor

FDD5680 Datasheet PDF - Fairchild Semiconductor
Part # FDD5680
Download  FDD5680 Download

File Size   83.16 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel, PowerTrench??MOSFET

FDD5680 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDD5680 Datasheet PDF - Fairchild Semiconductor

Part # FDD5680
Download  FDD5680 Click to download

File Size   83.16 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel, PowerTrench??MOSFET

FDD5680 Datasheet (HTML) - Fairchild Semiconductor

FDD5680 Datasheet HTML 1Page - Fairchild Semiconductor FDD5680 Datasheet HTML 2Page - Fairchild Semiconductor FDD5680 Datasheet HTML 3Page - Fairchild Semiconductor FDD5680 Datasheet HTML 4Page - Fairchild Semiconductor

FDD5680 Product details

General Description
This N-Channel MOSFET is produced using Fairchild Semiconductors advanced PowerTrench process that has been especially tailored to minimize the on-state resistance and yet maintain low gate charge for superior switching performance.
   
Features
• 38 A, 60 V. RDS(on) = 0.021 Ω @ VGS = 10 V
                     RDS(on) = 0.025 Ω @ VGS = 6 V.
• Low gate charge (33nC typical).
• Fast switching speed.
• High performance trench technology for extremely
    low RDS(on).
   
Applications
• DC/DC converter
• Motor drives
   




Similar Part No. - FDD5680

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDD5680 ISC-FDD5680 Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
logo
BYCHIP ELECTRONICS CO.,...
FDD5680 BYCHIP-FDD5680 Datasheet
763Kb / 4P
   N-channel Enhancement Mode Power MOSFET
More results


Similar Description - FDD5680

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD8896 FAIRCHILD-FDD8896 Datasheet
130Kb / 11P
   N-Channel PowerTrench MOSFET
FDD20AN06_F085 FAIRCHILD-FDD20AN06_F085 Datasheet
325Kb / 11P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDD86369 ONSEMI-FDD86369 Datasheet
1Mb / 8P
   N-Channel PowerTrench MOSFET
January, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FDMS86152 FAIRCHILD-FDMS86152 Datasheet
258Kb / 7P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDWS86380_F085 ONSEMI-FDWS86380_F085 Datasheet
528Kb / 8P
   N-Channel PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP8876 FAIRCHILD-FDP8876 Datasheet
303Kb / 6P
   N-Channel PowerTrench MOSFET
FDB8441 FAIRCHILD-FDB8441 Datasheet
307Kb / 7P
   N-Channel PowerTrench MOSFET
FDD13AN06A0 FAIRCHILD-FDD13AN06A0 Datasheet
281Kb / 11P
   N-Channel PowerTrench MOSFET
FDP8874 FAIRCHILD-FDP8874 Datasheet
264Kb / 10P
   N-Channel PowerTrench MOSFET
FDS8984 FAIRCHILD-FDS8984_10 Datasheet
446Kb / 6P
   N-Channel PowerTrench MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com