Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDD3672 Datasheet (PDF) - Fairchild Semiconductor

FDD3672 Datasheet PDF - Fairchild Semiconductor
Part # FDD3672
Download  FDD3672 Download

File Size   233.67 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel UltraFET Trench MOSFET 100V, 44A, 28m?

FDD3672 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDD3672 Datasheet PDF - Fairchild Semiconductor

Part # FDD3672
Download  FDD3672 Click to download

File Size   233.67 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel UltraFET Trench MOSFET 100V, 44A, 28m?

FDD3672 Datasheet (HTML) - Fairchild Semiconductor

Back Button FDD3672 Datasheet HTML 1Page - Fairchild Semiconductor FDD3672 Datasheet HTML 2Page - Fairchild Semiconductor FDD3672 Datasheet HTML 3Page - Fairchild Semiconductor FDD3672 Datasheet HTML 4Page - Fairchild Semiconductor FDD3672 Datasheet HTML 5Page - Fairchild Semiconductor FDD3672 Datasheet HTML 6Page - Fairchild Semiconductor FDD3672 Datasheet HTML 7Page - Fairchild Semiconductor FDD3672 Datasheet HTML 8Page - Fairchild Semiconductor FDD3672 Datasheet HTML 9Page - Fairchild Semiconductor FDD3672 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FDD3672 Product details

Features

• rDS(ON) = 24mΩ (Typ.), VGS = 10V, ID = 44A

• Qg(tot) = 24nC (Typ.), VGS = 10V

• Low Miller Charge

• Low Qrr Body Diode

• Optimized efficiency at high frequencies

• UIS Capability (Single Pulse and Repetitive Pulse)

• Qualified to AEC Q101



Applications

• DC/DC converters and Off-Line UPS

• Distributed Power Architectures and VRMs

• Primary Switch for 24V and 48V Systems

• High Voltage Synchronous Rectifier

• Direct Injection / Diesel Injection System

• 42V Automotive Load Control

• Electronic Valve Train System



 




Similar Part No. - FDD3672

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
FDD3672 VBSEMI-FDD3672 Datasheet
984Kb / 8P
   N-Channel 100-V (D-S) MOSFET
logo
Inchange Semiconductor ...
FDD3672 ISC-FDD3672 Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDD3672 FAIRCHILD-FDD3672_08 Datasheet
431Kb / 7P
   P-Channel PowerTrench짰 MOSFET -40V, -14A, 64m廓
FDD3672 FAIRCHILD-FDD3672_11 Datasheet
117Kb / 6P
   N-Channel UltraFET Trench MOSFET 100V, 44A, 28m廓
More results


Similar Description - FDD3672

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD3672 FAIRCHILD-FDD3672_11 Datasheet
117Kb / 6P
   N-Channel UltraFET Trench MOSFET 100V, 44A, 28m廓
FDB3672_F085 FAIRCHILD-FDB3672_F085 Datasheet
506Kb / 11P
   N-Channel PowerTrench짰 MOSFET 100V, 44A, 28m廓
FDB3672 FAIRCHILD-FDB3672_09 Datasheet
506Kb / 11P
   N-Channel PowerTrench짰 MOSFET 100V, 44A, 28m廓
HUF75637P3 FAIRCHILD-HUF75637P3 Datasheet
201Kb / 10P
   44A, 100V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
logo
Intersil Corporation
HUF75637P3 INTERSIL-HUF75637P3 Datasheet
332Kb / 9P
   44A, 100V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUFA75637P3 FAIRCHILD-HUFA75637P3 Datasheet
202Kb / 10P
   44A, 100V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
logo
MagnaChip Semiconductor...
MDD1902 MGCHIP-MDD1902 Datasheet
904Kb / 6P
   Single N-channel Trench MOSFET 100V, 40A, 28m(ohm)
logo
Fairchild Semiconductor
FDMS3672 FAIRCHILD-FDMS3672 Datasheet
252Kb / 7P
   N-Channel UltraFET Trench MOSFET 100V, 22A, 23mohm
HUF75229P3 FAIRCHILD-HUF75229P3 Datasheet
220Kb / 9P
   44A, 50V, 0.022 Ohm, N-Channel UltraFET Power MOSFET
logo
Intersil Corporation
HUF75229P3 INTERSIL-HUF75229P3 Datasheet
135Kb / 8P
   44A, 50V, 0.022 Ohm, N-Channel UltraFET Power MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com