Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT52C5V1S Datasheet (PDF) - First Components International

BZT52C5V1S Datasheet PDF - First Components International
Part # BZT52C5V1S
Download  BZT52C5V1S Download

File Size   98.04 Kbytes
Page   3 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 200mW SURFACE MOUNT ZENER DIODE

BZT52C5V1S Datasheet (PDF)

Go To PDF Page Download Datasheet
BZT52C5V1S Datasheet PDF - First Components International

Part # BZT52C5V1S
Download  BZT52C5V1S Click to download

File Size   98.04 Kbytes
Page   3 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 200mW SURFACE MOUNT ZENER DIODE

BZT52C5V1S Datasheet (HTML) - First Components International

BZT52C5V1S Datasheet HTML 1Page - First Components International BZT52C5V1S Datasheet HTML 2Page - First Components International BZT52C5V1S Datasheet HTML 3Page - First Components International

BZT52C5V1S Product details

Features:
   Power dissipation: Pd: 200mW (tamb=25°C)
   Forward Voltage: Vf: 0.9V
   Operating and storage junction temp. range: Tj, Tstg: -55°C to +150°C




Similar Part No. - BZT52C5V1S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZT52C5V1S DIODES-BZT52C5V1S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Microdiode Electronics ...
BZT52C5V1S CHENDA-BZT52C5V1S Datasheet
956Kb / 3P
   SURFACE MOUNT ZENER DIODE
BZT52C5V1S CHENDA-BZT52C5V1S Datasheet
111Kb / 4P
   ZENER DIODE
logo
Sangdest Microelectroni...
BZT52C5V1S SMC-BZT52C5V1S Datasheet
139Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Micro Commercial Compon...
BZT52C5V1S MCC-BZT52C5V1S Datasheet
411Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
More results


Similar Description - BZT52C5V1S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW Datasheet
63Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
logo
Taiwan Semiconductor Co...
BZT52C2V0K TSC-BZT52C2V0K Datasheet
191Kb / 3P
   200mW,Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW_09 Datasheet
95Kb / 5P
   200mW SURFACE MOUNT ZENER DIODE
BZX84C5V1W-7 DIODES-BZX84C5V1W-7 Datasheet
159Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMSZ5221BS WTE-MMSZ5221BS Datasheet
75Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
Diode Semiconductor Kor...
BZX84C2V4W DSK-BZX84C2V4W Datasheet
320Kb / 5P
   200mW Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221BS DIODES-MMBZ5221BS_08 Datasheet
153Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
MMBZ5221BS DIODES-MMBZ5221BS_1 Datasheet
460Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
DS31039 Rev. 12 - 2
logo
Shenzhen Luguang Electr...
MMSZ5221BS LUGUANG-MMSZ5221BS Datasheet
198Kb / 3P
   200mW Surface Mount Zener Diode
MM3Z2V4 LUGUANG-MM3Z2V4 Datasheet
2Mb / 3P
   200mW Surface Mount Zener Diode
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com