Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DE2E3KY152M Datasheet (PDF) - Murata Manufacturing Co., Ltd.

DE2E3KY152M Datasheet PDF - Murata Manufacturing Co., Ltd.
Part # DE2E3KY152M
Download  DE2E3KY152M Download

File Size   1846.58 Kbytes
Page   72 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors

DE2E3KY152M Datasheet (PDF)

Go To PDF Page Download Datasheet
DE2E3KY152M Datasheet PDF - Murata Manufacturing Co., Ltd.

Part # DE2E3KY152M
Download  DE2E3KY152M Click to download

File Size   1846.58 Kbytes
Page   72 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors

DE2E3KY152M Datasheet (HTML) - Murata Manufacturing Co., Ltd.

Back Button DE2E3KY152M Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DE2E3KY152M Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DE2E3KY152M Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DE2E3KY152M Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DE2E3KY152M Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DE2E3KY152M Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DE2E3KY152M Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DE2E3KY152M Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DE2E3KY152M Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. DE2E3KY152M Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button 

DE2E3KY152M Product details

■ Features
1. We design capacitors in much more compact size than
   type KH, having reduced the diameter by 25% max.
2. Operating temperature range guaranteed up to 125
   degrees (UL: 85 deg.).
3. Dielectric strength:
   AC2000V (In case of lead spacing F=5mm)
   AC2600V (In case of lead spacing F=7.5mm)
4. Class X1/Y2 capacitors which are recognized by
   UL/CSA/VDE/BSI/SEMKO/DEMKO/FIMKO/NEMKO/ESTI/
   NSW.
5. Coated with flame-retardant epoxy resin
   (conforming to UL94V-0 standard).
6. Cost-saving automatic insertion available.

■ Applications
1. Ideal for use as X/Y capacitors for AC line filter
   and primary-secondary coupling on switching power
   supplies and AC adapters.
2. Ideal for use on D-A isolation and noise absorption
   for DAA modems without transformers.




Similar Part No. - DE2E3KY152M

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DE2E3KY152MA2BM01 MURATA1-DE2E3KY152MA2BM01 Datasheet
331Kb / 22P
   Safety Standard Certified Lead Type Disc Ceramic Capacitors for General Purpose
May. 2018
DE2E3KY152MA2BM01F MURATA1-DE2E3KY152MA2BM01F Datasheet
446Kb / 23P
   Safety Standard Certified Lead Type Disc Ceramic Capacitors for General Purpose
Mar. 2021
DE2E3KY152MA3BM02 MURATA1-DE2E3KY152MA3BM02 Datasheet
331Kb / 22P
   Safety Standard Certified Lead Type Disc Ceramic Capacitors for General Purpose
May. 2018
DE2E3KY152MA3BM02F MURATA1-DE2E3KY152MA3BM02F Datasheet
446Kb / 23P
   Safety Standard Certified Lead Type Disc Ceramic Capacitors for General Purpose
Mar. 2021
DE2E3KY152MB2BM01 MURATA1-DE2E3KY152MB2BM01 Datasheet
331Kb / 22P
   Safety Standard Certified Lead Type Disc Ceramic Capacitors for General Purpose
May. 2018
More results


Similar Description - DE2E3KY152M

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DE2B3KY331KA3BM02 MURATA-DE2B3KY331KA3BM02 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1B3KX101KA4BL01 MURATA-DE1B3KX101KA4BL01 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEBB33A102KA2B MURATA-DEBB33A102KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A222KA3B MURATA-DEHR33A222KA3B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KN2A MURATA-DEHR33A102KN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA2BM01 MURATA-DE2B3KY331KA2BM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEBB33D471KA2B MURATA-DEBB33D471KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEA1X3D101JN2A MURATA-DEA1X3D101JN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1E3KX332MN5AA01 MURATA-DE1E3KX332MN5AA01 Datasheet
1Mb / 84P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DESD32H472KN7A MURATA-DESD32H472KN7A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results




About Murata Manufacturing Co., Ltd.


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.
The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.
Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.
The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com