Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDB10AN06A0 Datasheet (PDF) - Fairchild Semiconductor

FDB10AN06A0 Datasheet PDF - Fairchild Semiconductor
Part # FDB10AN06A0
Download  FDB10AN06A0 Download

File Size   265.22 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel PowerTrench MOSFET 60V, 75A, 10.5m?

FDB10AN06A0 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDB10AN06A0 Datasheet PDF - Fairchild Semiconductor

Part # FDB10AN06A0
Download  FDB10AN06A0 Click to download

File Size   265.22 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel PowerTrench MOSFET 60V, 75A, 10.5m?

FDB10AN06A0 Datasheet (HTML) - Fairchild Semiconductor

Back Button FDB10AN06A0 Datasheet HTML 1Page - Fairchild Semiconductor FDB10AN06A0 Datasheet HTML 2Page - Fairchild Semiconductor FDB10AN06A0 Datasheet HTML 3Page - Fairchild Semiconductor FDB10AN06A0 Datasheet HTML 4Page - Fairchild Semiconductor FDB10AN06A0 Datasheet HTML 5Page - Fairchild Semiconductor FDB10AN06A0 Datasheet HTML 6Page - Fairchild Semiconductor FDB10AN06A0 Datasheet HTML 7Page - Fairchild Semiconductor FDB10AN06A0 Datasheet HTML 8Page - Fairchild Semiconductor FDB10AN06A0 Datasheet HTML 9Page - Fairchild Semiconductor FDB10AN06A0 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FDB10AN06A0 Product details

Features
• rDS(ON) = 9.5mΩ (Typ.), VGS = 10V, ID = 75A
• Qg(tot) = 28nC (Typ.), VGS = 10V
• Low Miller Charge
• Low Qrr Body Diode
• UIS Capability (Single Pulse and Repetitive Pulse)
• Qualified to AEC Q101

Applications
• Motor / Body Load Control
• ABS Systems
• Powertrain Management
• Injection Systems
• DC-DC converters and Off-line UPS
• Distributed Power Architectures and VRMs
• Primary Switch for 12V and 24V systems




Similar Part No. - FDB10AN06A0

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
FDB101 BILIN-FDB101 Datasheet
84Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Shenzhen Luguang Electr...
FDB101 LUGUANG-FDB101 Datasheet
161Kb / 2P
   Silicon Bridge Rectifiers
logo
Diode Semiconductor Kor...
FDB101 DSK-FDB101 Datasheet
157Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Galaxy Semi-Conductor H...
FDB101 BILIN-FDB101 Datasheet
143Kb / 3P
   RECOVERY BRIDGE RECTIFIER
FDB101S BILIN-FDB101S Datasheet
136Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Similar Description - FDB10AN06A0

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD10AN06A0 FAIRCHILD-FDD10AN06A0 Datasheet
236Kb / 11P
   N-Channel PowerTrench MOSFET 60V, 50A, 10.5m?
FDD10AN06A0_F085 FAIRCHILD-FDD10AN06A0_F085 Datasheet
390Kb / 11P
   N-Channel PowerTrench MOSFET 60V, 50A, 10.5m
logo
Unisonic Technologies
UTT75N08 UTC-UTT75N08 Datasheet
162Kb / 3P
   75A, 80V N-CHANNEL POWERTRENCH MOSFET
logo
Fairchild Semiconductor
FDD10AN06_F085 FAIRCHILD-FDD10AN06_F085_12 Datasheet
390Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 50A, 10.5m廓
FDS5680 FAIRCHILD-FDS5680 Datasheet
261Kb / 8P
   60V N-Channel PowerTrench??MOSFET
FDS9945 FAIRCHILD-FDS9945 Datasheet
73Kb / 5P
   60V N-Channel PowerTrench MOSFET
FDP5680 FAIRCHILD-FDP5680 Datasheet
440Kb / 16P
   60V N-Channel PowerTrench??MOSFET
FDS5670 FAIRCHILD-FDS5670 Datasheet
250Kb / 8P
   60V N-Channel PowerTrench??MOSFET
FDS5690 FAIRCHILD-FDS5690 Datasheet
236Kb / 8P
   60V N-Channel PowerTrench MOSFET
FDS5170N7 FAIRCHILD-FDS5170N7 Datasheet
201Kb / 6P
   60V N-Channel PowerTrench MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com