Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5230 Datasheet (PDF) - Fairchild Semiconductor

FAN5230 Datasheet PDF - Fairchild Semiconductor
Part # FAN5230
Download  FAN5230 Download

File Size   254.14 Kbytes
Page   16 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description System Electronics Regulator for Mobile PCs

FAN5230 Datasheet (PDF)

Go To PDF Page Download Datasheet
FAN5230 Datasheet PDF - Fairchild Semiconductor

Part # FAN5230
Download  FAN5230 Click to download

File Size   254.14 Kbytes
Page   16 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description System Electronics Regulator for Mobile PCs

FAN5230 Datasheet (HTML) - Fairchild Semiconductor

Back Button FAN5230 Datasheet HTML 1Page - Fairchild Semiconductor FAN5230 Datasheet HTML 2Page - Fairchild Semiconductor FAN5230 Datasheet HTML 3Page - Fairchild Semiconductor FAN5230 Datasheet HTML 4Page - Fairchild Semiconductor FAN5230 Datasheet HTML 5Page - Fairchild Semiconductor FAN5230 Datasheet HTML 6Page - Fairchild Semiconductor FAN5230 Datasheet HTML 7Page - Fairchild Semiconductor FAN5230 Datasheet HTML 8Page - Fairchild Semiconductor FAN5230 Datasheet HTML 9Page - Fairchild Semiconductor FAN5230 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FAN5230 Product details

Description
The FAN5230 is a high efficiency and high precision multiple-output voltage regulator for notebook PC and other similar battery-powered applications. It integrates three pulse-width modulated (PWM) switching regulator controllers and two linear regulators to convert 5.4V-to-24V notebook battery power into the voltage used by the circuitry that surrounds the microprocessor in these systems.

Features
• 5.4V to 24V input voltage range
• Five regulated outputs:
• 5V @ 5A (PWM)
• 3.3V @ 5A (PWM)
• 5V @ 50mA Always On (Linear)
• 3.3V @ 50mA Always On (Linear)
• 12V/Adjustable @ 120mA Boost (PWM)
• >96% efficiency
• Hysteretic mode for light loads
• PWM mode for normal loads
• Main regulators switch out of phase
• 300kHz fixed frequency switching
• RDS(ON) current sense over-current
• Reduced BOM; Max. efficiency
• Optional current sense resistor for precision over-current
   detect
• Power Good signal for all voltages
• Input under-voltage lock-out (UVLO)
• Thermal shutdown
• ACPI compliant
• 24-pin QSOP
• 2nd source by Intersil (IPM6220)

Applications
• Notebook PCs
• Web tablets
• Battery-powered instruments




Similar Part No. - FAN5230

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5231 FAIRCHILD-FAN5231 Datasheet
360Kb / 17P
   Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
FAN5232 FAIRCHILD-FAN5232 Datasheet
76Kb / 9P
   Adjustable PWM Buck Controller for LCD PCs
FAN5233 FAIRCHILD-FAN5233 Datasheet
388Kb / 15P
   System Electronics Regulator for Mobile PCs
FAN5234 FAIRCHILD-FAN5234 Datasheet
537Kb / 15P
   Mobile-Friendly PWM/PFM Controller
FAN5234 FAIRCHILD-FAN5234 Datasheet
392Kb / 15P
   Dual Mobile-Friendly PWM / PFM Controller
More results


Similar Description - FAN5230

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5233 FAIRCHILD-FAN5233 Datasheet
388Kb / 15P
   System Electronics Regulator for Mobile PCs
FAN5235 FAIRCHILD-FAN5235 Datasheet
85Kb / 15P
   System Electronics Regulator for Mobile PCs
logo
EPCOS
B4150 EPCOS-B4150_1 Datasheet
93Kb / 10P
   Low Loss Filter for Mobile Telephone PCS system
logo
Mitsubishi Electric Sem...
MF1082V-2 MITSUBISHI-MF1082V-2 Datasheet
64Kb / 1P
   FOR PCS MOBILE TELEPHONE, Tx
MF1081V-2 MITSUBISHI-MF1081V-2 Datasheet
63Kb / 1P
   FOR PCS MOBILE TELEPHONE, Rx
logo
Pericom Semiconductor C...
PI6C105 PERICOM-PI6C105 Datasheet
598Kb / 15P
   Precision Clock Synthesizer for Mobile PCs
PI6C102 PERICOM-PI6C102 Datasheet
588Kb / 11P
   Precision Clock Synthesizer for Mobile PCs
logo
Toshiba Semiconductor
TPCA8081 TOSHIBA-TPCA8081 Datasheet
238Kb / 9P
   Notebook PCs Mobile Handsets
TPCA8082 TOSHIBA-TPCA8082 Datasheet
234Kb / 9P
   Notebook PCs Mobile Handsets
TPC8087 TOSHIBA-TPC8087 Datasheet
226Kb / 9P
   Notebook PCs Mobile Handsets
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com