Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5066 Datasheet (PDF) - Fairchild Semiconductor

FAN5066 Datasheet PDF - Fairchild Semiconductor
Part # FAN5066
Download  FAN5066 Download

File Size   263.43 Kbytes
Page   18 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Ultra Low Voltage Synchronous DC-DC Controller

FAN5066 Datasheet (PDF)

Go To PDF Page Download Datasheet
FAN5066 Datasheet PDF - Fairchild Semiconductor

Part # FAN5066
Download  FAN5066 Click to download

File Size   263.43 Kbytes
Page   18 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Ultra Low Voltage Synchronous DC-DC Controller

FAN5066 Datasheet (HTML) - Fairchild Semiconductor

Back Button FAN5066 Datasheet HTML 1Page - Fairchild Semiconductor FAN5066 Datasheet HTML 2Page - Fairchild Semiconductor FAN5066 Datasheet HTML 3Page - Fairchild Semiconductor FAN5066 Datasheet HTML 4Page - Fairchild Semiconductor FAN5066 Datasheet HTML 5Page - Fairchild Semiconductor FAN5066 Datasheet HTML 6Page - Fairchild Semiconductor FAN5066 Datasheet HTML 7Page - Fairchild Semiconductor FAN5066 Datasheet HTML 8Page - Fairchild Semiconductor FAN5066 Datasheet HTML 9Page - Fairchild Semiconductor FAN5066 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FAN5066 Product details

Description
The FAN5066 is a synchronous mode DC-DC controller IC which provides an adjustable output voltage for ultra-low voltage applications, down to 400mV. The FAN5066 uses a high level of integration to deliver load currents in excess of 19A from a 5V source with minimal external circuitry. Synchronous-mode operation offers optimum efficiency over the entire output voltage range, and the internal oscillator can be programmed from 80KHz to 1MHz for additional flexibility in choosing external components. The FAN5066 also offers integrated functions including a four-bit DAC-controlled reference, Power Good, Output Enable, over-voltage protection and current limiting.

Features
• Output adjustable from 400mV to 3.5V
• Synchronous Rectification
• Adjustable operation from 80KHz to 1MHz
• Integrated Power Good and Enable functions
• Overvoltage protection
• Overcurrent protection
• Drives N-channel MOSFETs
• 20 pin SOIC or TSSOP package

Applications
• Power supply DDR SDRAM VTT
• Power Supply HSTL
• Power Supply for ASICs
• Adjustable ultra-low voltage step-down power supply




Similar Part No. - FAN5066

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5066 FAIRCHILD-FAN5066 Datasheet
274Kb / 18P
   Ultra Low Voltage Synchronous DC-DC Controller
FAN5066M FAIRCHILD-FAN5066M Datasheet
274Kb / 18P
   Ultra Low Voltage Synchronous DC-DC Controller
More results


Similar Description - FAN5066

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5066M FAIRCHILD-FAN5066M Datasheet
274Kb / 18P
   Ultra Low Voltage Synchronous DC-DC Controller
logo
Linear Technology
LTC3896 LINER-LTC3896 Datasheet
391Kb / 8P
   High Voltage, Low IQ, Synchronous Inverting DC/DC Controller
LTC3852 LINER-LTC3852_15 Datasheet
424Kb / 32P
   Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3852 LINER-LTC3852 Datasheet
424Kb / 32P
   Low Input Voltage, Synchronous Step-Down DC/DC Controller
logo
Fairchild Semiconductor
RC5051 FAIRCHILD-RC5051 Datasheet
141Kb / 16P
   Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
logo
Linear Technology
LTC3822 LINER-LTC3822_15 Datasheet
209Kb / 20P
   Voltage, Synchronous Step-Down DC/DC Controller
logo
Fairchild Semiconductor
RC5054A FAIRCHILD-RC5054A Datasheet
122Kb / 13P
   Programmable Synchronous DC-DC Converter Controller for Low Voltage Microprocessors
RC5052 FAIRCHILD-RC5052 Datasheet
157Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
logo
Linear Technology
LTC3822-1 LINER-LTC3822-1_15 Datasheet
385Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3822 LINER-LTC3822 Datasheet
237Kb / 20P
   No RSENSETM, Low Input Voltage, Synchronous Step-Down DC/DC Controller
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com