Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN2510 Datasheet (PDF) - Fairchild Semiconductor

FAN2510 Datasheet PDF - Fairchild Semiconductor
Part # FAN2510
Download  FAN2510 Download

File Size   248.64 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 100 mA CMOS LDO Regulators with Fast Start Enable

FAN2510 Datasheet (PDF)

Go To PDF Page Download Datasheet
FAN2510 Datasheet PDF - Fairchild Semiconductor

Part # FAN2510
Download  FAN2510 Click to download

File Size   248.64 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 100 mA CMOS LDO Regulators with Fast Start Enable

FAN2510 Datasheet (HTML) - Fairchild Semiconductor

FAN2510 Datasheet HTML 1Page - Fairchild Semiconductor FAN2510 Datasheet HTML 2Page - Fairchild Semiconductor FAN2510 Datasheet HTML 3Page - Fairchild Semiconductor FAN2510 Datasheet HTML 4Page - Fairchild Semiconductor FAN2510 Datasheet HTML 5Page - Fairchild Semiconductor FAN2510 Datasheet HTML 6Page - Fairchild Semiconductor FAN2510 Datasheet HTML 7Page - Fairchild Semiconductor FAN2510 Datasheet HTML 8Page - Fairchild Semiconductor FAN2510 Datasheet HTML 9Page - Fairchild Semiconductor FAN2510 Datasheet HTML 10Page - Fairchild Semiconductor

FAN2510 Product details

Description
The FAN2510/11 family of micropower low-dropout voltage regulators utilize CMOS technology to offer a new level of cost-effective performance in GSM, TDMA, and CDMA cellular handsets, Laptop and Notebook portable computers, and other portable devices.
   
Features
• Ultra Low Power Consumption
• Enable optimized for CDMA time slices
• 100 mV dropout voltage at 100 mA
• 25 µA ground current at 100 mA
• Enable/Shutdown Control
• SOT23-5 package
• Thermal limiting
• 300 mA peak current
   
Applications
• Cellular Phones and accessories
• PDAs
• Portable cameras and video recorders
• Laptop, notebook and palmtop computers
   




Similar Part No. - FAN2510

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2510 FAIRCHILD-FAN2510 Datasheet
259Kb / 10P
   100 mA CMOS LDO Regulators
logo
ON Semiconductor
FAN2510 ONSEMI-FAN2510 Datasheet
944Kb / 14P
   CMOS LDO Regulators with Fast Start Enable
Rev. 1.1.0
logo
Fairchild Semiconductor
FAN2510SX FAIRCHILD-FAN2510SX Datasheet
259Kb / 10P
   100 mA CMOS LDO Regulators
logo
ON Semiconductor
FAN2510SX ONSEMI-FAN2510SX Datasheet
944Kb / 14P
   CMOS LDO Regulators with Fast Start Enable
Rev. 1.1.0
logo
Fairchild Semiconductor
FAN2510 FAIRCHILD-FAN2510_10 Datasheet
259Kb / 10P
   100 mA CMOS LDO Regulators
More results


Similar Description - FAN2510

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2518 FAIRCHILD-FAN2518 Datasheet
246Kb / 10P
   50 mA CMOS LDO Regulators with Fast Start Enable
FAN2512 FAIRCHILD-FAN2512 Datasheet
295Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
FAN2514 FAIRCHILD-FAN2514 Datasheet
253Kb / 10P
   200 mA CMOS LDO Regulators with Fast Start Enable
FAN2512 FAIRCHILD-FAN2512_10 Datasheet
305Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
logo
ON Semiconductor
FAN2512 ONSEMI-FAN2512 Datasheet
431Kb / 12P
   CMOS LDO Regulators with Fast Start Enable
REV. 1.2.0 01/10/13
FAN2510 ONSEMI-FAN2510 Datasheet
944Kb / 14P
   CMOS LDO Regulators with Fast Start Enable
Rev. 1.1.0
logo
Fairchild Semiconductor
FAN2534 FAIRCHILD-FAN2534 Datasheet
492Kb / 11P
   150 mA CMOS LDO Regulator with Fast Start, Enable
FAN2500 FAIRCHILD-FAN2500 Datasheet
251Kb / 10P
   100 mA CMOS LDO Regulators
FAN2500 FAIRCHILD-FAN2500_10 Datasheet
499Kb / 10P
   100 mA CMOS LDO Regulators
FAN2510 FAIRCHILD-FAN2510_10 Datasheet
259Kb / 10P
   100 mA CMOS LDO Regulators
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com