Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27C040-90PU Datasheet (PDF) - ATMEL Corporation

AT27C040-90PU Datasheet PDF - ATMEL Corporation
Part # AT27C040-90PU
Download  AT27C040-90PU Download

File Size   548.55 Kbytes
Page   13 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 4Mb (512K x 8) OTP, EPROM

AT27C040-90PU Datasheet (PDF)

Go To PDF Page Download Datasheet
AT27C040-90PU Datasheet PDF - ATMEL Corporation

Part # AT27C040-90PU
Download  AT27C040-90PU Click to download

File Size   548.55 Kbytes
Page   13 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 4Mb (512K x 8) OTP, EPROM

AT27C040-90PU Datasheet (HTML) - ATMEL Corporation

Back Button AT27C040-90PU Datasheet HTML 1Page - ATMEL Corporation AT27C040-90PU Datasheet HTML 2Page - ATMEL Corporation AT27C040-90PU Datasheet HTML 3Page - ATMEL Corporation AT27C040-90PU Datasheet HTML 4Page - ATMEL Corporation AT27C040-90PU Datasheet HTML 5Page - ATMEL Corporation AT27C040-90PU Datasheet HTML 6Page - ATMEL Corporation AT27C040-90PU Datasheet HTML 7Page - ATMEL Corporation AT27C040-90PU Datasheet HTML 8Page - ATMEL Corporation AT27C040-90PU Datasheet HTML 9Page - ATMEL Corporation AT27C040-90PU Datasheet HTML 10Page - ATMEL Corporation Next Button 

AT27C040-90PU Product details

Description
The AT27C040 chip is a low-power, high-performance, 4,194,304-bit one-time programmable read-only memory (OTP EPROM) organized as 512K by 8 bits. The AT27C040 requires only one 5V power supply in normal read mode operation. Any byte can be accessed in less than 70 ns, eliminating the need for speed reducing WAIT states on high-performance microprocessor systems.

Features
• Fast Read Access Time – 70 ns
• Low Power CMOS Operation
   – 100 µA Max Standby
   – 30 mA Max Active at 5 MHz
• JEDEC Standard Packages
   – 32-lead PDIP
   – 32-lead PLCC
   – 32-lead TSOP
• 5V ±10% Supply
• High Reliability CMOS Technology
   – 2000V ESD Protection
   – 200 mA Latchup Immunity
• Rapid Programming Algorithm – 100 µs/Byte (Typical)
• CMOS and TTL Compatible Inputs and Outputs
• Industrial Temperature Range
• Green (Pb/Halide-free) Packaging Option




Similar Part No. - AT27C040-90PU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C040-90PU ATMEL-AT27C040-90PU Datasheet
306Kb / 14P
   4-Megabit (512K x 8) otp eprom
More results


Similar Description - AT27C040-90PU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
logo
Holtek Semiconductor In...
HT27C040 HOLTEK-HT27C040 Datasheet
98Kb / 9P
   COMS 512K x 8-Bit OTP EPROM
logo
ATMEL Corporation
AT27C040 ATMEL-AT27C040 Datasheet
194Kb / 13P
   4-Megabit 512K x 8 OTP EPROM
logo
Maxwell Technologies
27C512T MAXWELL-27C512T Datasheet
139Kb / 15P
   512K (64K x 8-Bit) OTP EPROM
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
97314 ATMEL-97314 Datasheet
306Kb / 14P
   4-Megabit (512K x 8) otp eprom
AT27LV512A ATMEL-AT27LV512A_07 Datasheet
400Kb / 15P
   512K (64K x 8) Low Voltage OTP EPROM
AT27C516 ATMEL-AT27C516_08 Datasheet
353Kb / 13P
   512K (32K x 16) OTP EPROM
AT27LV040A ATMEL-AT27LV040A_07 Datasheet
380Kb / 15P
   4-Megabit (512K x 8) Low Voltage OTP EPROM
logo
Hitachi Semiconductor
HN27512 HITACHI-HN27512 Datasheet
302Kb / 7P
   512K (64K X 8 BIT ) UV AND OTP EPROM
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com