Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT24C512C-SSHD-T Datasheet (PDF) - ATMEL Corporation

AT24C512C-SSHD-T Datasheet PDF - ATMEL Corporation
Part # AT24C512C-SSHD-T
Download  AT24C512C-SSHD-T Download

File Size   960.47 Kbytes
Page   21 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description I2C-Compatiable (2-wire) Serial EEPROM 512-Kbit

AT24C512C-SSHD-T Datasheet (PDF)

Go To PDF Page Download Datasheet
AT24C512C-SSHD-T Datasheet PDF - ATMEL Corporation

Part # AT24C512C-SSHD-T
Download  AT24C512C-SSHD-T Click to download

File Size   960.47 Kbytes
Page   21 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description I2C-Compatiable (2-wire) Serial EEPROM 512-Kbit

AT24C512C-SSHD-T Datasheet (HTML) - ATMEL Corporation

Back Button AT24C512C-SSHD-T Datasheet HTML 1Page - ATMEL Corporation AT24C512C-SSHD-T Datasheet HTML 2Page - ATMEL Corporation AT24C512C-SSHD-T Datasheet HTML 3Page - ATMEL Corporation AT24C512C-SSHD-T Datasheet HTML 4Page - ATMEL Corporation AT24C512C-SSHD-T Datasheet HTML 5Page - ATMEL Corporation AT24C512C-SSHD-T Datasheet HTML 6Page - ATMEL Corporation AT24C512C-SSHD-T Datasheet HTML 7Page - ATMEL Corporation AT24C512C-SSHD-T Datasheet HTML 8Page - ATMEL Corporation AT24C512C-SSHD-T Datasheet HTML 9Page - ATMEL Corporation AT24C512C-SSHD-T Datasheet HTML 10Page - ATMEL Corporation Next Button 

AT24C512C-SSHD-T Product details

Description

The Atmel® AT24C512C provides 524,288 bits of Serial Electrically Erasable and Programmable Read-Only Memory (EEPROM) organized as 65,536 words of eight bits each. The cascadable feature of the device allows up to eight devices to share a common 2-wire bus. The device is optimized for use in many industrial and commercial applications where low-power and low-voltage operation are essential.



Features

Low-voltage and standard-voltage operation

 1.7V (VCC= 1.7V to 3.6V)

 2.5V (VCC= 2.5V to 5.5V)

Internally organized as 65,536 x 8

2-wire serial interface

Schmitt Triggers, filtered inputs for noise suppression

Bidirectional data transfer protocol

400kHz (1.7V) and 1MHz (2.5V, 5.5V) compatibility

Write Protect pin for hardware data protection

128-byte page write mode

 partial page writes allowed

Random and sequential read modes

Self-timed write cycle (5ms max)

High reliability

 Endurance: 1,000,000 write cycles

 Data retention: 40 years

Green package options (Pb/Halide-free/RoHS Compliant)

 8-lead JEDEC SOIC, 8-lead EIAJ SOIC, 8-lead TSSOP, 8-pad UDFN, and

8-ball VFBGA packages

Die sale options: wafer form and tape and reel available



Similar Part No. - AT24C512C-SSHD-T

ManufacturerPart #DatasheetDescription
Microchip Technology
Microchip Technology
AT24C512C-SSHDXX-B MICROCHIP-AT24C512C-SSHDXX-B Datasheet
1Mb / 43P
   I짼C-Compatible (Two-Wire) Serial EEPROM 512?멚bit (65,536 x 8)
2019-2021
More results

Similar Description - AT24C512C-SSHD-T

ManufacturerPart #DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT24C512C-SSHM-T ATMEL-AT24C512C-SSHM-T Datasheet
960Kb / 21P
   I2C-Compatiable (2-wire) Serial EEPROM 512-Kbit (65,536 x 8)
AT24C512C-XHM-B ATMEL-AT24C512C-XHM-B Datasheet
960Kb / 21P
   I2C-Compatiable (2-wire) Serial EEPROM 512-Kbit (65,536 x 8)
AT24C512C-SSHM-B ATMEL-AT24C512C-SSHM-B Datasheet
960Kb / 21P
   I2C-Compatiable (2-wire) Serial EEPROM
AT24MAC402 ATMEL-AT24MAC402 Datasheet
1Mb / 28P
   I2C-Compatible (2-wire) 2-Kbit Serial EEPROM
AT24C08C-STUM-T ATMEL-AT24C08C-STUM-T Datasheet
831Kb / 24P
   I2C-Compatible, (2-wire) Serial EEPROM 4-Kbit (512 x 8), 8-Kbit (1024 x 8)
AT24C04C-SSHM-T ATMEL-AT24C04C-SSHM-T Datasheet
831Kb / 24P
   I2C-Compatible, (2-wire) Serial EEPROM 4-Kbit (512 x 8), 8-Kbit (1024 x 8)
AT24C08C-SSHM-T ATMEL-AT24C08C-SSHM-T Datasheet
831Kb / 24P
   I2C-Compatible, (2-wire) Serial EEPROM 4-Kbit (512 x 8), 8-Kbit (1024 x 8)
Microchip Technology
Microchip Technology
24AA64 MICROCHIP-24AA64_V01 Datasheet
735Kb / 51P
   64-Kbit I2C Serial EEPROM
09/14/21
ON Semiconductor
ON Semiconductor
CAT24C512 ONSEMI-CAT24C512_18 Datasheet
421Kb / 21P
   EEPROM Serial 512-Kb I2C
May, 2018 ??Rev. 8
Microchip Technology
Microchip Technology
25AA512 MICROCHIP-25AA512_10 Datasheet
670Kb / 36P
   512 Kbit SPI Bus Serial EEPROM
2010
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com