Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C16C-SSHM-T Datasheet (PDF) - ATMEL Corporation

AT24C16C-SSHM-T Datasheet PDF - ATMEL Corporation
Part # AT24C16C-SSHM-T
Download  AT24C16C-SSHM-T Download

File Size   2062.04 Kbytes
Page   24 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Two-wire Serial Electrically Erasable and Programmable Read-only Memory

AT24C16C-SSHM-T Datasheet (PDF)

Go To PDF Page Download Datasheet
AT24C16C-SSHM-T Datasheet PDF - ATMEL Corporation

Part # AT24C16C-SSHM-T
Download  AT24C16C-SSHM-T Click to download

File Size   2062.04 Kbytes
Page   24 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Two-wire Serial Electrically Erasable and Programmable Read-only Memory

AT24C16C-SSHM-T Datasheet (HTML) - ATMEL Corporation

Back Button AT24C16C-SSHM-T Datasheet HTML 1Page - ATMEL Corporation AT24C16C-SSHM-T Datasheet HTML 2Page - ATMEL Corporation AT24C16C-SSHM-T Datasheet HTML 3Page - ATMEL Corporation AT24C16C-SSHM-T Datasheet HTML 4Page - ATMEL Corporation AT24C16C-SSHM-T Datasheet HTML 5Page - ATMEL Corporation AT24C16C-SSHM-T Datasheet HTML 6Page - ATMEL Corporation AT24C16C-SSHM-T Datasheet HTML 7Page - ATMEL Corporation AT24C16C-SSHM-T Datasheet HTML 8Page - ATMEL Corporation AT24C16C-SSHM-T Datasheet HTML 9Page - ATMEL Corporation AT24C16C-SSHM-T Datasheet HTML 10Page - ATMEL Corporation Next Button 

AT24C16C-SSHM-T Product details

Description
The Atmel® AT24C16C provides 16,384 bits of Serial Electrically Erasable and Programmable Read-Only Memory (EEPROM) organized as 2,048 words of eight bits each. The device is optimized for use in many industrial and commercial applications where low-power and low-voltage operation are essential. AT24C16C is available in space-saving 8-lead PDIP, 8-lead JEDEC SOIC, 8-lead TSSOP, 8-pad UDFN, 8-pad XDFN, 5-lead SOT23, and 8-ball VFBGA packages and is accessed via a 2-wire serial interface.

Standard Features
● Low-voltage and standard-voltage operation
    ● VCC = 1.7V to 5.5V
● Internally organized as 2,048 x 8 (16K)
● I2C-compatible (2-wire) serial interface
● Schmitt Trigger, filtered inputs for noise suppression
● Bidirectional data transfer protocol
● 1MHz (2.5V, 2.7V, 5V), 400kHz (1.7V) compatibility
● Write Protect pin for hardware data protection
● 16-byte Page Write mode
    ● Partial page writes allowed
● Self-timed write cycle (5ms max)
● High-reliability
    ● Endurance: 1,000,000 write cycles
    ● Data retention: 100 years
● Green package options (Pb/Halide-free/RoHS compliant)
    ● 8-lead PDIP, 8-lead SOIC, 8-lead TSSOP, 8-pad UDFN, 8-pad XDFN, 5-lead SOT23, and 8-ball VFBGA
● Die options: wafer form and tape and reel




Similar Part No. - AT24C16C-SSHM-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C16C-SSHM-T ATMEL-AT24C16C-SSHM-T Datasheet
998Kb / 23P
   I2C-Compatible, (2-Wire) Serial EEPROM
AT24C16C-SSHM-T ATMEL-AT24C16C-SSHM-T Datasheet
1Mb / 23P
   I2C-Compatible, (2-Wire) Serial EEPROM 16-Kbit (2048 x 8)
12.2016
More results


Similar Description - AT24C16C-SSHM-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C16C-SSHM-B ATMEL-AT24C16C-SSHM-B Datasheet
2Mb / 24P
   Two-wire Serial Electrically Erasable and Programmable Read-only Memory
AT24C02C ATMEL-AT24C02C Datasheet
1,008Kb / 23P
   Two-wire Serial Electrically Erasable and Programmable Read-only Memory
AT24C256C ATMEL-AT24C256C_10 Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
AT24C64D-SSHM-T ATMEL-AT24C64D-SSHM-T Datasheet
1Mb / 26P
   2-Wire Serial Electrically Erasable and Programmable Read-only Memory
AT24C64D-XHM-T ATMEL-AT24C64D-XHM-T Datasheet
1Mb / 27P
   2-Wire Serial Electrically Erasable and Programmable Read-only Memory
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25320B ATMEL-AT25320B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25128B ATMEL-AT25128B Datasheet
1Mb / 24P
   serial electrically-erasable programmable read only memory
AD621ARZ ATMEL-AD621ARZ Datasheet
1Mb / 21P
   Three-wire Serial Electrically Erasable Programmable Read-only Memory
logo
Renesas Technology Corp
HN58X2508I RENESAS-HN58X2508I Datasheet
180Kb / 29P
   Electrically Erasable and Programmable Read Only Memory
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com