Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N7002E-T1-E3 Datasheet (PDF) - Vishay Siliconix

2N7002E-T1-E3 Datasheet PDF - Vishay Siliconix
Part # 2N7002E-T1-E3
Download  2N7002E-T1-E3 Download
File Size   183.33 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 60 V (D-S) MOSFET

2N7002E-T1-E3 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N7002E-T1-E3 Datasheet PDF - Vishay Siliconix

Part # 2N7002E-T1-E3
Download  2N7002E-T1-E3 Click to download

File Size   183.33 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 60 V (D-S) MOSFET

2N7002E-T1-E3 Datasheet (HTML) - Vishay Siliconix


2N7002E-T1-E3 Product details

FEATURES
• Halogen-free According to IEC 61249-2-21 Definition
• Low On-Resistance: 3 
• Low Threshold: 2 V (typ.)
• Low Input Capacitance: 25 pF
• Fast Switching Speed: 7.5 ns
• Low Input and Output Leakage
• Compliant to RoHS Directive 2002/95/EC

BENEFITS
• Low Offset Voltage
• Low-Voltage Operation
• Easily Driven Without Buffer
• High-Speed Circuits
• Low Error Voltage

APPLICATIONS
• Direct Logic-Level Interface: TTL/CMOS
• Drivers: Relays, Solenoids, Lamps, Hammers, Display, Memories, Transistors, etc.
• Battery Operated Systems
• Solid-State Relays




Similar Part No. - 2N7002E-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N7002E-T1-GE3 VISHAY-2N7002E-T1-GE3 Datasheet
194Kb / 8P
N-Channel 60 V (D-S) MOSFET
Rev. F, 07-Feb-11
More results


Similar Description - 2N7002E-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
N-Channel 60-V (D-S) MOSFET
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com