Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADW71205WSTZ Datasheet (PDF) - Analog Devices

ADW71205WSTZ Datasheet PDF - Analog Devices
Part # ADW71205WSTZ
Download  ADW71205WSTZ Download
File Size   327.3 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit RDC with Reference Oscillator

ADW71205WSTZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADW71205WSTZ Datasheet PDF - Analog Devices

Part # ADW71205WSTZ
Download  ADW71205WSTZ Click to download

File Size   327.3 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit RDC with Reference Oscillator

ADW71205WSTZ Datasheet (HTML) - Analog Devices


ADW71205WSTZ Product details

GENERAL DESCRIPTION
The AD2S1205 is a complete 12-bit resolution tracking resolver-to-digital converter that contains an on-board programmable sinusoidal oscillator providing sine wave excitation for resolvers.
The converter accepts 3.15 V p-p ± 27% input signals on the Sin and Cos inputs. A Type II tracking loop is employed to track the inputs and convert the input Sin and Cos information into a digital representation of the input angle and velocity. The maximum tracking rate is a function of the external clock frequency. The performance of the AD2S105 is specified across a frequency range of 8.192 MHz ± 25%, allowing a maximum tracking rate of 1250 rps.

FEATURES
  Complete monolithic resolver-to-digital converter (RDC)
  Parallel and serial 12-bit data ports
  System fault detection
  ±11 arc minutes of accuracy
  Input signal range: 3.15 V p-p ± 27%
  Absolute position and velocity outputs
  1250 rps maximum tracking rate, 12-bit resolution
  Incremental encoder emulation (1024 pulses/rev)
  Programmable sinusoidal oscillator on board
  Single-supply operation (5.00 V ± 5%)
  −40°C to +125°C temperature rating
  44-lead LQFP
  4 kV ESD protection
  Qualified for automotive applications
 
APPLICATIONS
  Automotive motion sensing and control
  Hybrid-electric vehicles
  Electric power steering
  Integrated starter generator/alternator
  Industrial motor control
  Process control




Similar Part No. - ADW71205WSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADW71205WSTZ AD-ADW71205WSTZ Datasheet
327Kb / 20P
12-Bit RDC with Reference Oscillator
REV. A
ADW71205WSTZ AD-ADW71205WSTZ Datasheet
341Kb / 21P
12-Bit RDC with Reference Oscillator
ADW71205WSTZ-RL AD-ADW71205WSTZ-RL Datasheet
327Kb / 20P
12-Bit RDC with Reference Oscillator
REV. A
ADW71205WSTZ-RL AD-ADW71205WSTZ-RL Datasheet
341Kb / 21P
12-Bit RDC with Reference Oscillator
More results


Similar Description - ADW71205WSTZ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX178 MAXIM-MAX178 Datasheet
380Kb / 11P
Calibrated 12-Bit ADC with T/H and Reference
MAX507 MAXIM-MAX507 Datasheet
369Kb / 12P
Voltage-Output, 12-Bit DACs with Internal Reference
Rev A 9/91
logo
Analog Devices
AD2S1205 AD-AD2S1205 Datasheet
357Kb / 25P
12-Bit R/D Converter with Reference Oscillator
Rev. PrB_10/06
ADW71205YSTZ AD-ADW71205YSTZ Datasheet
327Kb / 20P
12-Bit RDC with Reference Oscillator
REV. A
AD2S1200 AD-AD2S1200 Datasheet
396Kb / 24P
12-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1200 AD-AD2S1200_15 Datasheet
396Kb / 24P
12-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1205 AD-AD2S1205_15 Datasheet
327Kb / 20P
12-Bit RDC with Reference Oscillator
REV. A
logo
Linear Technology
LTC1275 LINER-LTC1275_15 Datasheet
327Kb / 24P
12-Bit, 300ksps Sampling A/D Converters with Reference
logo
Analog Devices
AD2S1200 AD-AD2S1200_17 Datasheet
414Kb / 25P
12-Bit R/D Converter Reference Oscillator
AD2S1205 AD-AD2S1205_17 Datasheet
341Kb / 21P
12-Bit RDC with Reference Oscillator
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com