Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN1G Datasheet (PDF) - Leshan Radio Company

SN1G Datasheet PDF - Leshan Radio Company
Part # SN1G
Download  SN1G Download

File Size   177.45 Kbytes
Page   9 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Surface Mount General Reverse Voltage 50 to 1000V

SN1G Datasheet (PDF)

Go To PDF Page Download Datasheet
SN1G Datasheet PDF - Leshan Radio Company

Part # SN1G
Download  SN1G Click to download

File Size   177.45 Kbytes
Page   9 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Surface Mount General Reverse Voltage 50 to 1000V

SN1G Datasheet (HTML) - Leshan Radio Company

SN1G Datasheet HTML 1Page - Leshan Radio Company SN1G Datasheet HTML 2Page - Leshan Radio Company SN1G Datasheet HTML 3Page - Leshan Radio Company SN1G Datasheet HTML 4Page - Leshan Radio Company SN1G Datasheet HTML 5Page - Leshan Radio Company SN1G Datasheet HTML 6Page - Leshan Radio Company SN1G Datasheet HTML 7Page - Leshan Radio Company SN1G Datasheet HTML 8Page - Leshan Radio Company SN1G Datasheet HTML 9Page - Leshan Radio Company

SN1G Product details

Reverse Voltage 50 to 1000V



FEATURES

* Plastic package has Underwriters Laboratory

   Flammability Classification 94V-0

* High temperature metallurgically bonded construction

* Capable of meeting environmental standards of MIL-S-19500

* Diffused junction

* 1.0 A operation at TA=75°C with no thermal runaway

* Typical IR less than 1.0µA

* High temperature soldering guaranteed: 260°C/10 seconds



 




Similar Part No. - SN1G

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SN1G GOOD-ARK-SN1G Datasheet
196Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE PLASTIC RECTIFIER
logo
EIC discrete Semiconduc...
SN1G EIC-SN1G Datasheet
57Kb / 2P
   SURFACE MOUNT RECTIFIERS
More results


Similar Description - SN1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
S3A LRC-S3A Datasheet
189Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V
logo
AiT Semiconductor Inc.
S3ABF AITSEMI-S3ABF Datasheet
468Kb / 5P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIERS REVERSE VOLTAGE 50 TO 1000V FORWARD CURRENT 3A
REV1.0
logo
Gaomi Xinghe Electronic...
KBP4005 GXELECTRONICS-KBP4005 Datasheet
469Kb / 2P
   Rectifier Reverse Voltage 50 to 1000V
MB05M GXELECTRONICS-MB05M Datasheet
375Kb / 2P
   Rectifier Reverse Voltage 50 to 1000V
logo
Leshan Radio Company
DRS1M LRC-DRS1M Datasheet
533Kb / 4P
   Surface Mount Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
DRS1A LRC-DRS1A Datasheet
212Kb / 4P
   Surface Mount Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
Rugao Dachang Electroni...
DB101S DACHANG-DB101S Datasheet
126Kb / 2P
   Surface Mount Bridge-Rectifier Reverse Voltage 50 to 1000V Forward Current 1.0 A
DB151S DACHANG-DB151S Datasheet
126Kb / 2P
   Surface Mount Bridge-Rectifier Reverse Voltage 50 to 1000V Forward Current 1.5 A
logo
Leshan Radio Company
DRS1K LRC-DRS1K Datasheet
212Kb / 4P
   Surface Mount Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
RL201G LRC-RL201G Datasheet
171Kb / 7P
   Glass Passivated Junction General Purpose Rectifiers Reverse Voltage 50 to 1000V
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com