Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S2J Datasheet (PDF) - Leshan Radio Company

S2J Datasheet PDF - Leshan Radio Company
Part # S2J
Download  S2J Download

File Size   291.58 Kbytes
Page   9 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A

S2J Datasheet (PDF)

Go To PDF Page Download Datasheet
S2J Datasheet PDF - Leshan Radio Company

Part # S2J
Download  S2J Click to download

File Size   291.58 Kbytes
Page   9 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A

S2J Datasheet (HTML) - Leshan Radio Company

S2J Datasheet HTML 1Page - Leshan Radio Company S2J Datasheet HTML 2Page - Leshan Radio Company S2J Datasheet HTML 3Page - Leshan Radio Company S2J Datasheet HTML 4Page - Leshan Radio Company S2J Datasheet HTML 5Page - Leshan Radio Company S2J Datasheet HTML 6Page - Leshan Radio Company S2J Datasheet HTML 7Page - Leshan Radio Company S2J Datasheet HTML 8Page - Leshan Radio Company S2J Datasheet HTML 9Page - Leshan Radio Company

S2J Product details

Reverse Voltage 50 to 1000V Forward Current 2.0A



FEATURES

* Plastic package has Underwriters Laboratory

   Flammability Classification 94V-0

* High temperature metallurgically bonded construction

* Cavity-free glass passivated junction

* Capable of meeting environmental standards of MIL-S-19500

* 2.0 A operation at TA=75°C with no thermal runaway

* Typical IR less than 1.0µA

* High temperature soldering guaranteed: 260°C/10 seconds



 




Similar Part No. - S2J

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
S2J JINANJINGHENG-S2J Datasheet
83Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Pan Jit International I...
S2J PANJIT-S2J Datasheet
58Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
Guangdong Juxing Electr...
S2J JUXING-S2J Datasheet
1Mb / 3P
   Surface Mount Standard Rectifiers
logo
Vishay Siliconix
S2J VISHAY-S2J Datasheet
79Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 14-Aug-13
logo
Micro Commercial Compon...
S2J MCC-S2J Datasheet
619Kb / 3P
   2 Amp Silicon Rectifier 50 to 1000 Volts
More results


Similar Description - S2J

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
FMAF207 LRC-FMAF207 Datasheet
251Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
S2MBF LRC-S2MBF Datasheet
288Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
FFMAF201 LRC-FFMAF201 Datasheet
314Kb / 9P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
FFMAF207T LRC-FFMAF207T Datasheet
314Kb / 9P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
RGP20MA LRC-RGP20MA Datasheet
493Kb / 7P
   Glass Passivated Junction Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
FMAF407 LRC-FMAF407 Datasheet
223Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
SOD4007T-SH LRC-SOD4007T-SH Datasheet
310Kb / 11P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
SOD4001T-SH LRC-SOD4001T-SH Datasheet
310Kb / 11P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
FFMAF207L LRC-FFMAF207L Datasheet
251Kb / 9P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 1000V Forward Current 2.0A
FFM201 LRC-FFM201 Datasheet
172Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com