Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-M61L-500E Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

ACPL-M61L-500E Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # ACPL-M61L-500E
Download  ACPL-M61L-500E Download

File Size   821.31 Kbytes
Page   16 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Ultra Low Power 10 MBd Digital CMOS Optocouplers

ACPL-M61L-500E Datasheet (PDF)

Go To PDF Page Download Datasheet
ACPL-M61L-500E Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-M61L-500E
Download  ACPL-M61L-500E Click to download

File Size   821.31 Kbytes
Page   16 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Ultra Low Power 10 MBd Digital CMOS Optocouplers

ACPL-M61L-500E Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-M61L-500E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-M61L-500E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-M61L-500E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-M61L-500E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-M61L-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-M61L-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-M61L-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-M61L-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-M61L-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-M61L-500E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button 

ACPL-M61L-500E Product details

Description
The Avago ultra low power ACPL-x6xL digital optocouplers combine an AlGaAs light emitting diode (LED) and an integrated high gain photodetector. The optocoupler consumes extremely low power, at maximum 1.3mA IDD current per channel across temperature. With a forward LED current as low as 1.6 mA most microprocessors can directly drive the LED.

Features
•  Ultra-low IDDcurrent: 1.3 mA/channel maximum
•  Low input current: 1.6 mA
•  Built-in slew-rate controlled outputs
•  20 kV/μs minimum Common Mode Rejection (CMR) at VCM= 1000 V
•  High speed: 10 MBd minimum
•  Guaranteed AC and DC performance over wide temperature: –40°C to +105°C
•  Wide package selection: SO-5, SO-8, stretched SO-6 and stretched SO-8




Similar Part No. - ACPL-M61L-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M61L-500E AVAGO-ACPL-M61L-500E Datasheet
754Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
More results


Similar Description - ACPL-M61L-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-061L AVAGO-ACPL-061L Datasheet
312Kb / 17P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
ACPL-064L-560E AVAGO-ACPL-064L-560E Datasheet
820Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
ACPL-M61L-000E AVAGO-ACPL-M61L-000E Datasheet
754Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
logo
Broadcom Corporation.
ACPL-064L BOARDCOM-ACPL-064L Datasheet
1Mb / 19P
   Low-Power 10-MBd Digital CMOS Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-064L AVAGO-ACPL-064L Datasheet
820Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers Low input current: 1.6 mA
ACNW261L-500E AVAGO-ACNW261L-500E Datasheet
607Kb / 17P
   Ultra Low Power 10 MBd Digital CMOS Optocoupler
ACPL-M21L-500E AVAGO-ACPL-M21L-500E Datasheet
309Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-021L BOARDCOM-ACPL-021L Datasheet
721Kb / 16P
   Low Power, 5-MBd Digital CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M21L AVAGO-ACPL-M21L Datasheet
123Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-M21L BOARDCOM-ACPL-M21L Datasheet
721Kb / 16P
   Low Power, 5-MBd Digital CMOS Optocoupler
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com