Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4093BCN Datasheet (PDF) - Fairchild Semiconductor

CD4093BCN Datasheet PDF - Fairchild Semiconductor
Part # CD4093BCN
Download  CD4093BCN Download

File Size   89.69 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Quad 2-Input NAND Schmitt Trigger

CD4093BCN Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4093BCN Datasheet PDF - Fairchild Semiconductor

Part # CD4093BCN
Download  CD4093BCN Click to download

File Size   89.69 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Quad 2-Input NAND Schmitt Trigger

CD4093BCN Datasheet (HTML) - Fairchild Semiconductor

CD4093BCN Datasheet HTML 1Page - Fairchild Semiconductor CD4093BCN Datasheet HTML 2Page - Fairchild Semiconductor CD4093BCN Datasheet HTML 3Page - Fairchild Semiconductor CD4093BCN Datasheet HTML 4Page - Fairchild Semiconductor CD4093BCN Datasheet HTML 5Page - Fairchild Semiconductor CD4093BCN Datasheet HTML 6Page - Fairchild Semiconductor CD4093BCN Datasheet HTML 7Page - Fairchild Semiconductor CD4093BCN Datasheet HTML 8Page - Fairchild Semiconductor

CD4093BCN Product details

General Description
The CD4093B consists of four Schmitt-trigger circuits. Each circuit functions as a 2-input NAND gate with Schmitt trigger action on both inputs. The gate switches at different points for positive and negative-going signals. The difference between the positive (VT+) and the negative voltage (VT−) is defined as hysteresis voltage (VH).
All outputs have equal source and sink currents and conform to standard B-series output drive (see Static Electrical Characteristics).

Features
■ Wide supply voltage range: 3.0V to 15V
■ Schmitt-trigger on each input with no external components
■ Noise immunity greater than 50%
■ Equal source and sink currents
■ No limit on input rise and fall time
■ Standard B-series output drive
■ Hysteresis voltage (any input) TA = 25°C
   Typical
      VDD = 5.0V VH = 1.5V
      VDD = 10V VH = 2.2V
      VDD = 15V VH = 2.7V
   Guaranteed
      VH = 0.1 VDD
     
Applications
• Wave and pulse shapers
• High-noise-environment systems
• Monostable multivibrators
• Astable multivibrators
• NAND logic




Similar Part No. - CD4093BCN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4093BCN NSC-CD4093BCN Datasheet
157Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
logo
Fairchild Semiconductor
CD4093BCN FAIRCHILD-CD4093BCN Datasheet
91Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
logo
List of Unclassifed Man...
CD4093BCN ETC2-CD4093BCN Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results


Similar Description - CD4093BCN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
   QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
[Old version datasheet]   Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
   Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
74LVC132A NEXPERIA-74LVC132A Datasheet
244Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 4 - 6 July 2020
logo
ON Semiconductor
MC74LVX132 ONSEMI-MC74LVX132 Datasheet
93Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
March, 2005 ??Rev. 2
logo
NXP Semiconductors
74F132 PHILIPS-74F132 Datasheet
71Kb / 8P
   Quad 2-input NAND Schmitt trigger
1991 Jun 26
74AHC132 PHILIPS-74AHC132 Datasheet
106Kb / 16P
   Quad 2-input NAND Schmitt trigger
1999 Sep 24
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com