Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4016BC Datasheet (PDF) - Fairchild Semiconductor

4016BC Datasheet PDF - Fairchild Semiconductor
Part No. 4016BC
Download  4016BC Click to view

File Size   93.97 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Quad Bilateral Switch

4016BC Datasheet (PDF)

Go To PDF Page Download Datasheet
4016BC Datasheet PDF - Fairchild Semiconductor

Part No. 4016BC
Download  4016BC Click to view

File Size   93.97 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Quad Bilateral Switch

4016BC Datasheet (HTML) - Fairchild Semiconductor

4016BC Datasheet HTML 1Page - Fairchild Semiconductor 4016BC Datasheet HTML 2Page - Fairchild Semiconductor 4016BC Datasheet HTML 3Page - Fairchild Semiconductor 4016BC Datasheet HTML 4Page - Fairchild Semiconductor 4016BC Datasheet HTML 5Page - Fairchild Semiconductor 4016BC Datasheet HTML 6Page - Fairchild Semiconductor 4016BC Datasheet HTML 7Page - Fairchild Semiconductor 4016BC Datasheet HTML 8Page - Fairchild Semiconductor 4016BC Datasheet HTML 9Page - Fairchild Semiconductor

4016BC Product details

General Description
The CD4016BC is a quad bilateral switch intended for the transmission or multiplexing of analog or digital signals. It is pin-for-pin compatible with CD4066BC.

Features
■ Wide supply voltage range: 3V to 15V
■ Wide range of digital and analog switching: ±7.5 VPEAK
■ “ON” resistance for 15V operation: 400Ω (typ.)
■ Matched “ON” resistance over 15V signal input:
    ∆RON = 10Ω (typ.)
■ High degree of linearity:
    0.4% distortion (typ.)
    @ fIS = 1 kHz, VIS = 5 Vp-p,
    VDD−VSS = 10V, RL = 10 kΩ
■ Extremely low “OFF” switch leakage:
    0.1 nA (typ.)
    @ VDD − VSS = 10V
    TA = 25°C
■ Extremely high control input impedance: 1012Ω (typ.)
■ Low crosstalk between switches:
    −50 dB (typ.)
    @ fIS = 0.9 MHz, RL = 1 kΩ
■ Frequency response, switch “ON”: 40 MHz (typ.)

Applications
• Analog signal switching/multiplexing
    Signal gating
    Squelch control
    Chopper
    Modulator/Demodulator
    Commutating switch
• Digital signal switching/multiplexing
• CMOS logic implementation
• Analog-to-digital/digital-to-analog conversion
• Digital control of frequency, impedance, phase, and analog-signal gain



Similar Part No. - 4016BC

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
4016BM NSC-4016BM Datasheet
168Kb / 8P
   Quad Bilateral Switch
More results

Similar Description - 4016BC

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
   QUAD BILATERAL SWITCH
System Logic Semiconductor
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
   Quad Bilateral Switch
Sanyo Semicon Device
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
   Quad Bilateral Switch
STMicroelectronics
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
   QUAD BILATERAL SWITCH
Toshiba Semiconductor
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
   QUAD BILATERAL SWITCH
Unisonic Technologies
Unisonic Technologies
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
National Semiconductor (TI)
National Semiconductor ...
CD4016BM NSC-CD4016BM Datasheet
168Kb / 8P
   Quad Bilateral Switch
Micro Electronics
Micro Electronics
MMC4016 MICRO-ELECTRONICS-MMC4016 Datasheet
122Kb / 4P
   QUAD BILATERAL SWITCH
Toshiba Semiconductor
Toshiba Semiconductor
TC4066BP TOSHIBA-TC4066BP Datasheet
315Kb / 7P
   QUAD BILATERAL SWITCH
Unisonic Technologies
Unisonic Technologies
U74HCT4066 UTC-U74HCT4066 Datasheet
201Kb / 6P
   QUAD BILATERAL SWITCH
More results

Datasheet Page

1  2  3  4  5  6  7  8  9 


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz