Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGH40N60SFDTU Datasheet (PDF) - Fairchild Semiconductor

FGH40N60SFDTU Datasheet PDF - Fairchild Semiconductor
Part # FGH40N60SFDTU
Download  FGH40N60SFDTU Download

File Size   291.77 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 600 V, 40 A Field Stop IGBT

FGH40N60SFDTU Datasheet (PDF)

Go To PDF Page Download Datasheet
FGH40N60SFDTU Datasheet PDF - Fairchild Semiconductor

Part # FGH40N60SFDTU
Download  FGH40N60SFDTU Click to download

File Size   291.77 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 600 V, 40 A Field Stop IGBT

FGH40N60SFDTU Datasheet (HTML) - Fairchild Semiconductor

FGH40N60SFDTU Datasheet HTML 1Page - Fairchild Semiconductor FGH40N60SFDTU Datasheet HTML 2Page - Fairchild Semiconductor FGH40N60SFDTU Datasheet HTML 3Page - Fairchild Semiconductor FGH40N60SFDTU Datasheet HTML 4Page - Fairchild Semiconductor FGH40N60SFDTU Datasheet HTML 5Page - Fairchild Semiconductor FGH40N60SFDTU Datasheet HTML 6Page - Fairchild Semiconductor FGH40N60SFDTU Datasheet HTML 7Page - Fairchild Semiconductor FGH40N60SFDTU Datasheet HTML 8Page - Fairchild Semiconductor FGH40N60SFDTU Datasheet HTML 9Page - Fairchild Semiconductor

FGH40N60SFDTU Product details

General Description

Using Novel Field Stop IGBT Technology, Fairchild’s new sesries of Field Stop IGBTs offer the optimum performance for Induction Heating, UPS, SMPS and PFC applications where low conduction and switching losses are essential.



Features

• High current capability

• Low saturation voltage: VCE(sat) =2.3V @ IC= 40A

• High input impedance

• Fast switching

• RoHS compliant





Applications

• Induction Heating, UPS, SMPS, PFC




Similar Part No. - FGH40N60SFDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH40N60SFDTU FAIRCHILD-FGH40N60SFDTU Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
logo
ON Semiconductor
FGH40N60SFDTU ONSEMI-FGH40N60SFDTU Datasheet
815Kb / 9P
   IGBT - Field Stop 600 V, 40 A
February, 2020 - Rev. 3
FGH40N60SFDTU-F085 ONSEMI-FGH40N60SFDTU-F085 Datasheet
815Kb / 9P
   IGBT - Field Stop 600 V, 40 A
February, 2020 - Rev. 3
More results


Similar Description - FGH40N60SFDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGAF40N60SMD FAIRCHILD-FGAF40N60SMD Datasheet
971Kb / 10P
   600 V, 40 A Field Stop IGBT
FGH40N60UFTU FAIRCHILD-FGH40N60UFTU Datasheet
308Kb / 8P
   600 V, 40 A Field Stop IGBT
logo
ON Semiconductor
FGH40N60SMD-F085 ONSEMI-FGH40N60SMD-F085 Datasheet
375Kb / 10P
   IGBT - Field Stop 600 V, 40 A
February, 2020 ??Rev. 4
FGH40N60SFDTU ONSEMI-FGH40N60SFDTU Datasheet
815Kb / 9P
   IGBT - Field Stop 600 V, 40 A
February, 2020 - Rev. 3
logo
Fairchild Semiconductor
FGH20N60UFD FAIRCHILD-FGH20N60UFD_13 Datasheet
282Kb / 9P
   600 V, 20 A Field Stop IGBT
FGH20N60UFDTU FAIRCHILD-FGH20N60UFDTU Datasheet
282Kb / 9P
   600 V, 20 A Field Stop IGBT
logo
ON Semiconductor
FGH60N60SFDTU-F085 ONSEMI-FGH60N60SFDTU-F085 Datasheet
475Kb / 9P
   IGBT - Field Stop 600 V, 60 A
February, 2020 - Rev. 3
logo
Fairchild Semiconductor
FGH60N60SFD FAIRCHILD-FGH60N60SFD_V01 Datasheet
418Kb / 9P
   600 V, 60 A Field Stop IGBT
Rev. 1.4 March 2015
logo
ON Semiconductor
FGH60N60SMD ONSEMI-FGH60N60SMD Datasheet
488Kb / 11P
   IGBT - Field Stop 600 V, 60 A
January, 2020 - Rev. 3
FGH20N60SFDTU ONSEMI-FGH20N60SFDTU Datasheet
812Kb / 9P
   IGBT - Field Stop 600 V, 20 A
February, 2020 - Rev. 3
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com