Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VHCT245A Datasheet (PDF) - Fairchild Semiconductor

74VHCT245A Datasheet PDF - Fairchild Semiconductor
Part # 74VHCT245A
Download  74VHCT245A Download

File Size   99.62 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Octal Buffer/Line Driver with 3-STATE Outputs

74VHCT245A Datasheet (PDF)

Go To PDF Page Download Datasheet
74VHCT245A Datasheet PDF - Fairchild Semiconductor

Part # 74VHCT245A
Download  74VHCT245A Click to download

File Size   99.62 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Octal Buffer/Line Driver with 3-STATE Outputs

74VHCT245A Datasheet (HTML) - Fairchild Semiconductor

74VHCT245A Datasheet HTML 1Page - Fairchild Semiconductor 74VHCT245A Datasheet HTML 2Page - Fairchild Semiconductor 74VHCT245A Datasheet HTML 3Page - Fairchild Semiconductor 74VHCT245A Datasheet HTML 4Page - Fairchild Semiconductor 74VHCT245A Datasheet HTML 5Page - Fairchild Semiconductor 74VHCT245A Datasheet HTML 6Page - Fairchild Semiconductor 74VHCT245A Datasheet HTML 7Page - Fairchild Semiconductor 74VHCT245A Datasheet HTML 8Page - Fairchild Semiconductor

74VHCT245A Product details

General Description
The VHCT245A is an advanced high speed CMOS octal bus transceiver fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS low power dissipation. The VHCT245A is intended for bidirectional asynchronous communication between data busses. The direction of data transmission is determined by the level of the T/R input. The enable input can be used to disable the device so that the busses are effectively isolated.
Protection circuits ensure that 0V to 7V can be applied to the input and output (Note 1) pins without regard to the supply voltage. These circuits prevent device destruction due to mismatched supply and input/output voltages. This device can be used to interface 5V to 3V systems and two supply systems such as battery back up.

Features
■ High Speed: tPD = 5.4 ns (typ) at VCC = 5V
■ Power Down Protection on Inputs and Outputs
■ Low Power Dissipation: ICC = 4 µA (Max) @ TA = 25°C
■ Pin and Function Compatible with 74HCT245




Similar Part No. - 74VHCT245A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
logo
Fairchild Semiconductor
74VHCT245A FAIRCHILD-74VHCT245A Datasheet
88Kb / 6P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
STMicroelectronics
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
299Kb / 13P
   OCTAL BUS TRANSCEIVER (3-STATE)
logo
ON Semiconductor
74VHCT245A ONSEMI-74VHCT245A Datasheet
240Kb / 11P
   Octal Buffer/Line Driver
May 2007 Rev. 1.3
logo
Toshiba Semiconductor
74VHCT245AFT TOSHIBA-74VHCT245AFT Datasheet
176Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-22 Rev.5.0
More results


Similar Description - 74VHCT245A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com