Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VHC157 Datasheet (PDF) - Fairchild Semiconductor

74VHC157 Datasheet PDF - Fairchild Semiconductor
Part # 74VHC157
Download  74VHC157 Download
File Size   70.72 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Quad 2-Input Multiplexer

74VHC157 Datasheet (PDF)

Go To PDF Page Download Datasheet
74VHC157 Datasheet PDF - Fairchild Semiconductor

Part # 74VHC157
Download  74VHC157 Click to download

File Size   70.72 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Quad 2-Input Multiplexer

74VHC157 Datasheet (HTML) - Fairchild Semiconductor


74VHC157 Product details

General Description
The VHC157 is an advanced high speed CMOS Quad 2-Channel Multiplexer fabricated with silicon gate CMOS technology. It achieves the high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS low power dissipation.
It consists of four 2-input digital multiplexers with common select and enable inputs. When the ENABLE input is held “H” level, selection of data is inhibited and all the outputs become “L” level. The SELECT decoding determines whether the I0x or I1x inputs get routed to their correspond ing outputs.
An Input protection circuit ensures that 0V to 7V can be applied to the input pins without regard to the supply voltage. This device can be used to interface 5V to 3V systems and on two supply systems such as battery back up. This circuit prevents device destruction due to mismatched supply and input voltages.

Features
■ High Speed: tPD = 4.1 ns (typ) at VCC = 5V
■ Low power dissipation: ICC = 4 µA (max.) at TA = 25°C
■ High noise immunity: VNIH = VNIL = 28% VCC (min.)
■ Power down protection is provided on all inputs
■ Low noise: VOLP = 0.8V (max.)
■ Pin and function compatible with 74HC157




Similar Part No. - 74VHC157

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC157 STMICROELECTRONICS-74VHC157 Datasheet
65Kb / 9P
QUAD 2 CHANNEL MULTIPLEXER
June 1999
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157 Datasheet
253Kb / 10P
Quad 2-Input Multiplexer
logo
STMicroelectronics
74VHC157 STMICROELECTRONICS-74VHC157 Datasheet
306Kb / 12P
QUAD 2 CHANNEL MULTIPLEXER
logo
ON Semiconductor
74VHC157 ONSEMI-74VHC157 Datasheet
339Kb / 12P
Quad 2-Input Multiplexer
May 2007 Rev. 1.2
logo
Toshiba Semiconductor
74VHC157FT TOSHIBA-74VHC157FT Datasheet
173Kb / 9P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-18 Rev.3.0
More results


Similar Description - 74VHC157

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F158A NSC-54F158A Datasheet
147Kb / 8P
Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74F157A FAIRCHILD-74F157A Datasheet
74Kb / 6P
Quad 2-Input Multiplexer
logo
ON Semiconductor
MC74AC157 ONSEMI-MC74AC157 Datasheet
106Kb / 10P
Quad 2-Input Multiplexer
January, 2005 ??Rev. 6
logo
NXP Semiconductors
74LV157 PHILIPS-74LV157 Datasheet
117Kb / 12P
Quad 2-input multiplexer
1998 Apr 30
logo
Hitachi Semiconductor
HD74AC157 HITACHI-HD74AC157 Datasheet
53Kb / 9P
Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F157ADM NSC-54F157ADM Datasheet
156Kb / 8P
Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157_07 Datasheet
253Kb / 10P
Quad 2-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT157 PHILIPS-74HC_HCT157_15 Datasheet
209Kb / 19P
Quad 2-input multiplexer
Rev. 7-21 January 2015
logo
Texas Instruments
54AC157 TI1-54AC157 Datasheet
140Kb / 10P
Quad 2-Input Multiplexer
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com