Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VCX32374 Datasheet (PDF) - Fairchild Semiconductor

74VCX32374 Datasheet PDF - Fairchild Semiconductor
Part # 74VCX32374
Download  74VCX32374 Download

File Size   128.33 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 32-Bit D-Type Flip-Flops with 3.6V Tolerant Inputs and Outputs

74VCX32374 Datasheet (PDF)

Go To PDF Page Download Datasheet
74VCX32374 Datasheet PDF - Fairchild Semiconductor

Part # 74VCX32374
Download  74VCX32374 Click to download

File Size   128.33 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 32-Bit D-Type Flip-Flops with 3.6V Tolerant Inputs and Outputs

74VCX32374 Datasheet (HTML) - Fairchild Semiconductor

74VCX32374 Datasheet HTML 1Page - Fairchild Semiconductor 74VCX32374 Datasheet HTML 2Page - Fairchild Semiconductor 74VCX32374 Datasheet HTML 3Page - Fairchild Semiconductor 74VCX32374 Datasheet HTML 4Page - Fairchild Semiconductor 74VCX32374 Datasheet HTML 5Page - Fairchild Semiconductor 74VCX32374 Datasheet HTML 6Page - Fairchild Semiconductor 74VCX32374 Datasheet HTML 7Page - Fairchild Semiconductor 74VCX32374 Datasheet HTML 8Page - Fairchild Semiconductor 74VCX32374 Datasheet HTML 9Page - Fairchild Semiconductor

74VCX32374 Product details

General Description
The VCX32374 contains thirty-two non-inverting D-type flip-flops with 3-STATE outputs and is intended for bus oriented applications. The device is byte controlled. A buffered clock (CP) and output enable (OE) are common to each byte and can be shorted together for full 32-bit operation.

Features
■ 1.2V to 3.6V VCC supply operation
■ 3.6V tolerant inputs and outputs
■ tPD
   3.0 ns max for 3.0V to 3.6V VCC
■ Power-off high impedance inputs and outputs
■ Supports live insertion and withdrawal (Note 1)
■ Static Drive (IOH/IOL)
   ±24 mA @ 3.0V VCC
■ Uses patented noise/EMI reduction circuitry
■ Latch-up performance exceeds 300 mA
■ ESD performance:
   Human body model > 2000V
   Machine model > 200V
■ Packaged in plastic Fine-Pitch Ball Grid Array (FBGA)




Similar Part No. - 74VCX32374

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX32373 FAIRCHILD-74VCX32373 Datasheet
210Kb / 8P
   Low Voltage 32-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs (Preliminary)
74VCX32373GX FAIRCHILD-74VCX32373GX Datasheet
210Kb / 8P
   Low Voltage 32-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs (Preliminary)
More results


Similar Description - 74VCX32374

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX16721 FAIRCHILD-74VCX16721 Datasheet
60Kb / 7P
   Low Voltage 20-Bit D-Type Flip-Flops with 3.6V Tolerant Inputs and Outputs
74VCX16721 FAIRCHILD-74VCX16721_04 Datasheet
153Kb / 9P
   Low Voltage 20-Bit D-Type Flip-Flops with 3.6V Tolerant Inputs and Outputs
74ALVC16721 FAIRCHILD-74ALVC16721 Datasheet
82Kb / 6P
   Low Voltage 20-Bit D-Type Flip-Flops with 3.6V Tolerant Inputs and Outputs
74VCX16821 FAIRCHILD-74VCX16821 Datasheet
145Kb / 9P
   Low Voltage 20-Bit D-Type Flip-Flops with 3.6V Tolerant Inputs and Outputs
74ALVC16821 FAIRCHILD-74ALVC16821 Datasheet
88Kb / 6P
   Low Voltage 20-Bit D-Type Flip-Flops with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX162374FT TOSHIBA-TC74VCX162374FT Datasheet
372Kb / 10P
   LOW VOLTAGE 16-BIT D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX16374 FAIRCHILD-74VCX16374 Datasheet
130Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX16374FT TOSHIBA-TC74VCX16374FT Datasheet
380Kb / 11P
   LOW VOLTAGE 16-BIT D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74ALVC16374 FAIRCHILD-74ALVC16374 Datasheet
122Kb / 8P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC7MA574FK TOSHIBA-TC7MA574FK Datasheet
331Kb / 9P
   LOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com