Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP3502E Datasheet (PDF) - BCD Semiconductor Manufacturing Limited

AP3502E Datasheet PDF - BCD Semiconductor Manufacturing Limited
Part # AP3502E
Download  AP3502E Download
File Size   597.5 Kbytes
Page   11 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description 340kHz, 2A Synchronous DC-DC Buck Converter Output Current: 2A

AP3502E Datasheet (PDF)

Go To PDF Page Download Datasheet
AP3502E Datasheet PDF - BCD Semiconductor Manufacturing Limited

Part # AP3502E
Download  AP3502E Click to download

File Size   597.5 Kbytes
Page   11 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description 340kHz, 2A Synchronous DC-DC Buck Converter Output Current: 2A

AP3502E Datasheet (HTML) - BCD Semiconductor Manufacturing Limited


AP3502E Product details

General Description

The AP3502E is a 340kHz fixed frequency, current mode, PWM synchronous buck (step-down) DC-DC converter, capable of driving a 2A load with high efficiency, excellent line and load regulation. The AP3502E exhibits high efficiency at light load. The device integrates N-channel power MOSFET switches with low on-resistance. Current mode control provides fast transient response and cycle-by-cycle current limit.



Features

• Input Voltage Range: 4.5V to 18V

• Fixed 340kHz Frequency

• High Efficiency at Light Load

• High Efficiency: up to 95%

• Output Current: 2A

• Current Mode Control

• Built-in Over Current Protection

• Built-in Thermal Shutdown Function

• Built-in UVLO Function

• Built-in Over Voltage Protection

• Programmable Soft Start

• Hiccup Mode SCP



Applications

• LCD TV

• Set Top Box

• Portable DVD

• Digital Photo Frame




Similar Part No. - AP3502E

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3502E DIODES-AP3502E Datasheet
523Kb / 11P
2A SYNCHRONOUS DC-DC BUCK CONVERTER
AP3502EM-G1 DIODES-AP3502EM-G1 Datasheet
523Kb / 11P
2A SYNCHRONOUS DC-DC BUCK CONVERTER
AP3502EMTR-G1 DIODES-AP3502EMTR-G1 Datasheet
523Kb / 11P
2A SYNCHRONOUS DC-DC BUCK CONVERTER
More results


Similar Description - AP3502E

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP6502 DIODES-AP6502 Datasheet
412Kb / 12P
340kHz 23V 2A SYNCHRONOUS DC/DC BUCK CONVERTER
logo
Anpec Electronics Corop...
APW7300 ANPEC-APW7300 Datasheet
350Kb / 20P
2A 24V 340kHz synchronous Buck Converter
APW7302 ANPEC-APW7302 Datasheet
578Kb / 19P
2A 24V 340kHz Synchronous Buck Converter
APW7302B ANPEC-APW7302B Datasheet
553Kb / 19P
2A 24V 340kHz Synchronous Buck Converter
APW7312 ANPEC-APW7312 Datasheet
350Kb / 20P
2A 24V 340kHz synchronous Buck Converter
APW7334 ANPEC-APW7334 Datasheet
269Kb / 15P
2A 24V 340kHz synchronous Buck Converter
APW7336 ANPEC-APW7336 Datasheet
341Kb / 20P
2A 24V 340kHz synchronous Buck Converter
logo
Diodes Incorporated
AP3502E DIODES-AP3502E Datasheet
523Kb / 11P
2A SYNCHRONOUS DC-DC BUCK CONVERTER
AP3512E DIODES-AP3512E Datasheet
616Kb / 14P
18V, 2A SYNCHRONOUS DC-DC BUCK CONVERTER
AP6501 DIODES-AP6501 Datasheet
367Kb / 15P
340kHz 23V 2A SYNCHRONOUS DC/DC BUCK CONVERTER
September 2012 Rev. 1 - 2
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com