Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C438 Datasheet (PDF) - Coilcraft lnc.

C438 Datasheet PDF - Coilcraft lnc.
Part # C438
Download  C438 Download

File Size   200.59 Kbytes
Page   1 Pages
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.
Description 1515SQ, 2222SQ, 2929SQ Air Core Inductors 16 values, 10 of each

C438 Datasheet (PDF)

Go To PDF Page Download Datasheet
C438 Datasheet PDF - Coilcraft lnc.

Part # C438
Download  C438 Click to download

File Size   200.59 Kbytes
Page   1 Pages
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.
Description 1515SQ, 2222SQ, 2929SQ Air Core Inductors 16 values, 10 of each

C438 Datasheet (HTML) - Coilcraft lnc.

C438 Datasheet HTML 1Page - Coilcraft lnc.

C438 Product details

PartNumber
1515SQ
2222SQ
2929SQ 

• Excellent Q factors – up to 230 at 400 MHz!
• Current handling as high as 5.7 Amps
• Inductance values from 47 to 500 nH
• Flat top and bottom for reliable pick and place and mechanical  stability

Designer’s Kit C438 contains 10 each of all 5% parts
Terminations RoHS compliant tin-silver over copper
Ambient temperature –40°C to +125°C with Irms current
Maximum part temperature +145°C (ambient + temp rise).
Storage temperature Component: –40°C to +145°C.
          Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at +260°C, parts cooled to room temperature between cycles
Temperature Coeffcient of Inductance (TCL) +5 to +70 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C / 85% relative humidity)




Similar Part No. - C438

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
C4381 SAVANTIC-C4381 Datasheet
248Kb / 4P
   Silicon NPN Power Transistors
logo
Sanken electric
C4382 SANKEN-C4382 Datasheet
31Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
logo
Savantic, Inc.
C4388 SAVANTIC-C4388 Datasheet
190Kb / 4P
   Silicon NPN Power Transistors
C4388 SAVANTIC-C4388 Datasheet
188Kb / 4P
   Silicon NPN Power Transistors
More results


Similar Description - C438

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
C324A COILCRAFT-C324A Datasheet
203Kb / 1P
   0603CS Chip Inductors, 26 values, 10 of each
C324A-2 COILCRAFT-C324A-2 Datasheet
204Kb / 1P
   0603CS Chip Inductors, 26 values, 10 of each
C439 COILCRAFT-C439 Datasheet
201Kb / 1P
   0603AF Chip Inductors, 14 values, 10 of each
XFL4020-102MEB COILCRAFT-XFL4020-102MEB Datasheet
197Kb / 1P
   XFL4020 Power Inductors, 5 values, 5 of each
C423 COILCRAFT-C423 Datasheet
218Kb / 1P
   Kit Contents 0603CT Low Profile Chip Inductors 35 values, 10 of each
0805PS-102KLB COILCRAFT-0805PS-102KLB Datasheet
204Kb / 1P
   0805PS Power Chip Inductors 20 values, 6 of each
PFL2510-151MEB COILCRAFT-PFL2510-151MEB Datasheet
202Kb / 1P
   PFL2510 and PFL2512 Power Inductors 13 values, 5 of each
0402CS-1N0XJLU COILCRAFT-0402CS-1N0XJLU Datasheet
202Kb / 1P
   Kit Contents for C328A 0402CS Chip Inductors 23 values, 20 of each
LPS6225-122MLB COILCRAFT-LPS6225-122MLB Datasheet
206Kb / 1P
   Kit Contents for C349, LPS6225 Power Inductors, 28 values, 3 of each
logo
API Delevan
4726R API-4726R Datasheet
1Mb / 1P
   Air Core Inductors
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com