Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVT574 Datasheet (PDF) - Fairchild Semiconductor

74LVT574 Datasheet PDF - Fairchild Semiconductor
Part No. 74LVT574
Download  74LVT574 Click to view

File Size   109.08 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs

74LVT574 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVT574 Datasheet PDF - Fairchild Semiconductor

Part No. 74LVT574
Download  74LVT574 Click to view

File Size   109.08 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs

74LVT574 Datasheet (HTML) - Fairchild Semiconductor

74LVT574 Datasheet HTML 1Page - Fairchild Semiconductor 74LVT574 Datasheet HTML 2Page - Fairchild Semiconductor 74LVT574 Datasheet HTML 3Page - Fairchild Semiconductor 74LVT574 Datasheet HTML 4Page - Fairchild Semiconductor 74LVT574 Datasheet HTML 5Page - Fairchild Semiconductor 74LVT574 Datasheet HTML 6Page - Fairchild Semiconductor 74LVT574 Datasheet HTML 7Page - Fairchild Semiconductor 74LVT574 Datasheet HTML 8Page - Fairchild Semiconductor

74LVT574 Product details

General Description
The LVT574 and LVTH574 are high-speed, low-power octal D-type flip-flop featuring separate D-type inputs for each flip-flop and 3-STATE outputs for bus-oriented applications. A buffered Clock (CP) and Output Enable (OE) are common to all flip-flops.

Features
■ Input and output interface capability to systems at 5V VCC
■ Bushold data inputs eliminate the need for external pull-up resistors to hold unused inputs (74LVTH574), also available without bushold feature (74LVT574)
■ Live insertion/extraction permitted
■ Power Up/Down high impedance provides glitch-free bus loading
■ Outputs source/sink 32 mA/64 mA
■ Functionally compatible with the 74 series 574
■ Latch-up performance exceeds 500 mA
■ ESD performance:
   Human-body model > 2000V
   Machine model > 200V
   Charged-device model > 1000V



Similar Part No. - 74LVT574

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
74LVT574 PHILIPS-74LVT574 Datasheet
98Kb / 12P
   3.3V Octal D-type flip-flop 3-State
1998 Feb 19
ON Semiconductor
ON Semiconductor
74LVT574 ONSEMI-74LVT574 Datasheet
341Kb / 13P
   Low Voltage Octal D-Type Flip-Flop
January 2008 Rev. 1.6.0
NXP Semiconductors
NXP Semiconductors
74LVT574BQ NXP-74LVT574BQ Datasheet
108Kb / 16P
   3.3 V octal D-type flip-flop; 3-state
Rev. 04-11 September 2008
74LVT574D PHILIPS-74LVT574D Datasheet
98Kb / 12P
   3.3V Octal D-type flip-flop 3-State
1998 Feb 19
74LVT574D NXP-74LVT574D Datasheet
108Kb / 16P
   3.3 V octal D-type flip-flop; 3-state
Rev. 04-11 September 2008
More results

Similar Description - 74LVT574

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
74LVX374 FAIRCHILD-74LVX374 Datasheet
81Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX574 FAIRCHILD-74LVX574 Datasheet
80Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVT374 FAIRCHILD-74LVT374 Datasheet
69Kb / 8P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVT574 FAIRCHILD-74LVT574_08 Datasheet
349Kb / 11P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX374 FAIRCHILD-74LVX374 Datasheet
93Kb / 7P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVQ374 FAIRCHILD-74LVQ374 Datasheet
103Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVT374 FAIRCHILD-74LVT374_08 Datasheet
314Kb / 10P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX574 FAIRCHILD-74LVX574_05 Datasheet
94Kb / 7P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
ON Semiconductor
ON Semiconductor
74LVTH374 ONSEMI-74LVTH374 Datasheet
306Kb / 12P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
January 2008 Rev. 1.5.0
Fairchild Semiconductor
Fairchild Semiconductor
74LVQ374 FAIRCHILD-74LVQ374_01 Datasheet
74Kb / 7P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
More results

Datasheet Page

1  2  3  4  5  6  7  8 



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz