Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVT245MTCX_NL Datasheet (PDF) - Fairchild Semiconductor

74LVT245MTCX_NL Datasheet PDF - Fairchild Semiconductor
Part # 74LVT245MTCX_NL
Download  74LVT245MTCX_NL Download

File Size   83.39 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs

74LVT245MTCX_NL Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVT245MTCX_NL Datasheet PDF - Fairchild Semiconductor

Part # 74LVT245MTCX_NL
Download  74LVT245MTCX_NL Click to download

File Size   83.39 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs

74LVT245MTCX_NL Datasheet (HTML) - Fairchild Semiconductor

74LVT245MTCX_NL Datasheet HTML 1Page - Fairchild Semiconductor 74LVT245MTCX_NL Datasheet HTML 2Page - Fairchild Semiconductor 74LVT245MTCX_NL Datasheet HTML 3Page - Fairchild Semiconductor 74LVT245MTCX_NL Datasheet HTML 4Page - Fairchild Semiconductor 74LVT245MTCX_NL Datasheet HTML 5Page - Fairchild Semiconductor 74LVT245MTCX_NL Datasheet HTML 6Page - Fairchild Semiconductor 74LVT245MTCX_NL Datasheet HTML 7Page - Fairchild Semiconductor 74LVT245MTCX_NL Datasheet HTML 8Page - Fairchild Semiconductor

74LVT245MTCX_NL Product details

General Description
The LVT245 and LVTH245 contain eight non-inverting bidirectional buffers with 3-STATE outputs and are intended for bus-oriented applications.
   
Features
■ Input and output interface capability to systems at
    5V VCC
■ Bushold data inputs eliminate the need for external
    pull-up resistors to hold unused inputs (74LVTH245),
    also available without bushold feature (74LVT245)
■ Live insertion/extraction permitted
■ Power Up/Down high impedance provides glitch-free
    bus loading
■ Outputs source/sink, -32 mA/+64 mA
■ Latch-up performance exceeds 500 mA
■ ESD performance:
    Human-body model > 2000V
    Machine model > 200V
    Charged-device model > 1000V
   




Similar Part No. - 74LVT245MTCX_NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LVT245MTC ONSEMI-74LVT245MTC Datasheet
328Kb / 12P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
February 2008 Rev. 1.4.0
More results


Similar Description - 74LVT245MTCX_NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LVT245 ONSEMI-74LVT245 Datasheet
328Kb / 12P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
February 2008 Rev. 1.4.0
logo
NXP Semiconductors
74F545 PHILIPS-74F545 Datasheet
84Kb / 10P
   Octal bidirectional transceiver with 3-State inputs/outputs
1990 Mar 01
logo
Fairchild Semiconductor
74AC245SCX FAIRCHILD-74AC245SCX Datasheet
415Kb / 12P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
Motorola, Inc
MC54F245 MOTOROLA-MC54F245 Datasheet
38Kb / 2P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
logo
Fairchild Semiconductor
74AC245 FAIRCHILD-74AC245_10 Datasheet
415Kb / 12P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
74AC245 FAIRCHILD-74AC245_05 Datasheet
117Kb / 10P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
ON Semiconductor
MC74AC245 ONSEMI-MC74AC245_15 Datasheet
99Kb / 8P
   Octal Bidirectional Transceiver with 3-State Inputs/Outputs
February, 2015 ??Rev. 8
MC74AC245 ONSEMI-MC74AC245 Datasheet
102Kb / 12P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
May, 2001 ??Rev. 5
logo
Fairchild Semiconductor
74AC245 FAIRCHILD-74AC245 Datasheet
101Kb / 10P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
Motorola, Inc
MC74F1245 MOTOROLA-MC74F1245 Datasheet
96Kb / 3P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com