Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVT32245G Datasheet (PDF) - Fairchild Semiconductor

74LVT32245G Datasheet PDF - Fairchild Semiconductor
Part # 74LVT32245G
Download  74LVT32245G Download

File Size   66.8 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 32-Bit Transceiver with 3-STATE Outputs

74LVT32245G Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVT32245G Datasheet PDF - Fairchild Semiconductor

Part # 74LVT32245G
Download  74LVT32245G Click to download

File Size   66.8 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 32-Bit Transceiver with 3-STATE Outputs

74LVT32245G Datasheet (HTML) - Fairchild Semiconductor


74LVT32245G Product details

General Description
The LVT32245 and LVTH32245 contain thirty-two noninverting bidirectional buffers with 3-STATE outputs and are intended for bus oriented applications. The devices are byte controlled. Each byte has separate control inputs which can be shorted together for full 32-bit operation. The T/R inputs determine the direction of data flow through the device. The OE inputs disable both the A and B ports by placing them in a high impedance state.
The LVTH32245 data inputs include bushold, eliminating the need for external pull-up resistors to hold unused inputs.
These non-inverting transceivers are designed for low voltage (3.3V) VCC applications, but with the capability to provide a TTL interface to a 5V environment. The LVT32245 and LVTH32245 are fabricated with an advanced BiCMOS technology to achieve high speed operation similar to 5V ABT while maintaining low power dissipation.

Features
■ Input and output interface capability to systems at 5V VCC
■ Bushold data inputs eliminate the need for external pull-up resistors to hold unused inputs
   (74LVTH32245), also available without bushold feature (74LVT32245).
■ Live insertion/extraction permitted
■ Power Up/Down high impedance provides glitch-free bus loading
■ Outputs source/sink −32 mA/+64 mA
■ ESD performance:
   Human-body model > 2000V
   Machine model > 200V
   Charged-device model > 1000V
■ Packaged in plastic Fine-Pitch Ball Grid Array (FBGA)




Similar Part No. - 74LVT32245G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVT32244 FAIRCHILD-74LVT32244 Datasheet
64Kb / 6P
   Low Voltage 32-Bit Buffer/Line Driver with 3-STATE Outputs (Preliminary)
74LVT32244GX FAIRCHILD-74LVT32244GX Datasheet
64Kb / 6P
   Low Voltage 32-Bit Buffer/Line Driver with 3-STATE Outputs (Preliminary)
More results


Similar Description - 74LVT32245G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVTH32952 FAIRCHILD-74LVTH32952 Datasheet
66Kb / 6P
   Low Voltage 32-Bit Registered Transceiver with 3-STATE Outputs (Preliminary)
logo
Texas Instruments
SN74LVCZ32245A TI-SN74LVCZ32245A Datasheet
295Kb / 12P
[Old version datasheet]   32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC32245 TI-SN74LVC32245 Datasheet
264Kb / 9P
[Old version datasheet]   32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH32245 TI-SN74ALVCH32245 Datasheet
123Kb / 8P
[Old version datasheet]   32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCH32245A TI-SN74LVCH32245A Datasheet
132Kb / 9P
[Old version datasheet]   32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCHR32245A TI-SN74LVCHR32245A Datasheet
251Kb / 11P
[Old version datasheet]   32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVCH32245ZKER TI1-74ALVCH32245ZKER Datasheet
770Kb / 11P
[Old version datasheet]   32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCR32245A TI-SN74LVCR32245A Datasheet
276Kb / 10P
[Old version datasheet]   32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AUC32245 TI-SN74AUC32245 Datasheet
389Kb / 12P
[Old version datasheet]   32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74LVT16245 FAIRCHILD-74LVT16245 Datasheet
76Kb / 8P
   Low Voltage 16-Bit Transceiver with 3-STATE Outputs
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com