Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P3601S-6-0098-N Datasheet (PDF) - Molex Electronics Ltd.

P3601S-6-0098-N Datasheet PDF - Molex Electronics Ltd.
Part # P3601S-6-0098-N
Download  P3601S-6-0098-N Download

File Size   55.61 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description 36 AWG Microribbon Cable

P3601S-6-0098-N Datasheet (PDF)

Go To PDF Page Download Datasheet
P3601S-6-0098-N Datasheet PDF - Molex Electronics Ltd.

Part # P3601S-6-0098-N
Download  P3601S-6-0098-N Click to download

File Size   55.61 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description 36 AWG Microribbon Cable

P3601S-6-0098-N Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - P3601S-6-0098-N

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
P3602A TECCOR-P3602A Datasheet
1Mb / 212P
   solid state crowbar devices
logo
Littelfuse
P3602AAL LITTELFUSE-P3602AAL Datasheet
154Kb / 3P
   Two-chip SIDACtor
P3602AALXX LITTELFUSE-P3602AALXX Datasheet
145Kb / 5P
   The SIDACtor짰 Series Modified TO-220 are designed to protect baseband
P3602ABL LITTELFUSE-P3602ABL Datasheet
154Kb / 3P
   Two-chip SIDACtor
P3602ABLXX LITTELFUSE-P3602ABLXX Datasheet
145Kb / 5P
   The SIDACtor짰 Series Modified TO-220 are designed to protect baseband
More results


Similar Description - P3601S-6-0098-N

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63900-3600 MOLEX11-63900-3600 Datasheet
49Kb / 1P
   FineAdjust Applicator, 32-36 AWG Wire
63900-3300 MOLEX11-63900-3300 Datasheet
49Kb / 1P
   FineAdjust Applicator, 32-36 AWG Wire
logo
Japan Aviation Electron...
FI-RC3-1A-1E-15000 JAE-FI-RC3-1A-1E-15000 Datasheet
121Kb / 1P
   APPLICABLE WIRE: #30~#36 AWG. STANDERD
logo
Molex Electronics Ltd.
0639003600 MOLEX-0639003600 Datasheet
32Kb / 1P
   FineAdjust Applicator, 32-36 AWG Wire
08/26/2022
0639003300 MOLEX-0639003300 Datasheet
33Kb / 2P
   FineAdjust Applicator, 32-36 AWG Wire
08/26/2022
0082285814 MOLEX1-0082285814_17 Datasheet
35Kb / 1P
   2.54mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Tinned
0082285816 MOLEX1-0082285816_17 Datasheet
35Kb / 1P
   2.54mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Tinned
0082285818 MOLEX1-0082285818_17 Datasheet
35Kb / 1P
   2.54mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Tinned
0082285812 MOLEX1-0082285812_17 Datasheet
35Kb / 1P
   2.54mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Tinned
0082285813 MOLEX1-0082285813_17 Datasheet
35Kb / 1P
   2.54mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Tinned
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com