Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LCX574 Datasheet (PDF) - Fairchild Semiconductor

74LCX574 Datasheet PDF - Fairchild Semiconductor
Part No. 74LCX574
Download  74LCX574 Click to view

File Size   767.93 Kbytes
Page   14 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs

74LCX574 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LCX574 Datasheet PDF - Fairchild Semiconductor

Part No. 74LCX574
Download  74LCX574 Click to view

File Size   767.93 Kbytes
Page   14 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs

74LCX574 Datasheet (HTML) - Fairchild Semiconductor

Back Button 74LCX574 Datasheet HTML 1Page - Fairchild Semiconductor 74LCX574 Datasheet HTML 2Page - Fairchild Semiconductor 74LCX574 Datasheet HTML 3Page - Fairchild Semiconductor 74LCX574 Datasheet HTML 4Page - Fairchild Semiconductor 74LCX574 Datasheet HTML 5Page - Fairchild Semiconductor 74LCX574 Datasheet HTML 6Page - Fairchild Semiconductor 74LCX574 Datasheet HTML 7Page - Fairchild Semiconductor 74LCX574 Datasheet HTML 8Page - Fairchild Semiconductor 74LCX574 Datasheet HTML 9Page - Fairchild Semiconductor 74LCX574 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

74LCX574 Product details

General Description
The LCX574 is a high-speed, low power octal flip-flop with a buffered common Clock (CP) and a buffered common Output Enable (OE). The information presented to the D inputs is stored in the flip-flops on the LOW-to-HIGH Clock (CP) transition.
The LCX574 is functionally identical to the LCX374 except for the pinouts.
The LCX574 is designed for low voltage applications with capability of interfacing to a 5V signal environment. The LCX574 is fabricated with an advanced CMOS technology to achieve high speed operation while maintaining CMOS low power dissipation.

Features
■ 5V tolerant inputs and outputs
■ 2.3V–3.6V VCC specifications provided
■ 7.5ns tPD max (VCC = 3.3V), 10µA ICC max
■ Power down high impedance inputs and outputs
■ Supports live insertion/withdrawal1
■ ±24mA output drive (VCC = 3.0V)
■ Implements patented noise/EMI reduction circuitry
■ Latch-up performance exceeds JEDEC 78 conditions
■ ESD performance
    – Human body model > 2000V
    – Machine model > 200V
■ Leadless Pb-Free DQFN package



Similar Part No. - 74LCX574

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
74LCX574 STMICROELECTRONICS-74LCX574 Datasheet
264Kb / 13P
   OCTAL D-TYPE FLIP FLOP NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
Fairchild Semiconductor
Fairchild Semiconductor
74LCX574BQX FAIRCHILD-74LCX574BQX Datasheet
682Kb / 14P
   74LCX574
74LCX574MSA FAIRCHILD-74LCX574MSA Datasheet
682Kb / 14P
   74LCX574
74LCX574MTC FAIRCHILD-74LCX574MTC Datasheet
682Kb / 14P
   74LCX574
STMicroelectronics
STMicroelectronics
74LCX574MTR STMICROELECTRONICS-74LCX574MTR Datasheet
264Kb / 13P
   OCTAL D-TYPE FLIP FLOP NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
More results

Similar Description - 74LCX574

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
74LCX374 FAIRCHILD-74LCX374_07 Datasheet
765Kb / 14P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
Toshiba Semiconductor
Toshiba Semiconductor
TC7MZ574FK TOSHIBA-TC7MZ574FK Datasheet
259Kb / 7P
   LOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
Fairchild Semiconductor
Fairchild Semiconductor
74LCX374 FAIRCHILD-74LCX374_06 Datasheet
765Kb / 14P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
Toshiba Semiconductor
Toshiba Semiconductor
TC74LCX574F TOSHIBA-TC74LCX574F Datasheet
304Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ374FK TOSHIBA-TC7MZ374FK Datasheet
260Kb / 7P
   LOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX374F TOSHIBA-TC74LCX374F Datasheet
326Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
Fairchild Semiconductor
Fairchild Semiconductor
74LCX374 FAIRCHILD-74LCX374 Datasheet
554Kb / 12P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
National Semiconductor (TI)
National Semiconductor ...
74LCX374 NSC-74LCX374 Datasheet
149Kb / 8P
   Low-Voltage Octal D Flip-Flop with 5V Tolerant Inputs and Outputs
74LCX273 NSC-74LCX273 Datasheet
63Kb / 2P
   Low-Voltage Octal D Flip-Flop with 5V Tolerant Inputs and Outputs
Fairchild Semiconductor
Fairchild Semiconductor
74LCX16244 FAIRCHILD-74LCX16244 Datasheet
124Kb / 10P
   74LCX574 Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
More results

Datasheet Page

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz