Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LCX16646MTD Datasheet (PDF) - Fairchild Semiconductor

74LCX16646MTD Datasheet PDF - Fairchild Semiconductor
Part # 74LCX16646MTD
Download  74LCX16646MTD Download

File Size   123.13 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 16-Bit Transceiver/Register with 5V Tolerant Inputs and Outputs

74LCX16646MTD Datasheet (PDF)

Go To PDF Page Download Datasheet
74LCX16646MTD Datasheet PDF - Fairchild Semiconductor

Part # 74LCX16646MTD
Download  74LCX16646MTD Click to download

File Size   123.13 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 16-Bit Transceiver/Register with 5V Tolerant Inputs and Outputs

74LCX16646MTD Datasheet (HTML) - Fairchild Semiconductor

74LCX16646MTD Datasheet HTML 1Page - Fairchild Semiconductor 74LCX16646MTD Datasheet HTML 2Page - Fairchild Semiconductor 74LCX16646MTD Datasheet HTML 3Page - Fairchild Semiconductor 74LCX16646MTD Datasheet HTML 4Page - Fairchild Semiconductor 74LCX16646MTD Datasheet HTML 5Page - Fairchild Semiconductor 74LCX16646MTD Datasheet HTML 6Page - Fairchild Semiconductor 74LCX16646MTD Datasheet HTML 7Page - Fairchild Semiconductor 74LCX16646MTD Datasheet HTML 8Page - Fairchild Semiconductor 74LCX16646MTD Datasheet HTML 9Page - Fairchild Semiconductor 74LCX16646MTD Datasheet HTML 10Page - Fairchild Semiconductor

74LCX16646MTD Product details

General Description
The LCX16646 contains sixteen non-inverting bidirectional registered bus transceivers with 3-STATE outputs, providing multiplexed transmission of data directly from the input bus or from the internal storage registers. Each byte has separate control inputs which can be shorted together for full 16-bit operation.The DIR inputs determine the direction of data flow through the device. The CPAB and CPBA inputs load data into the registers on the LOW-to-HIGH transition (see Functional Description).
The LCX16646 is designed for low voltage (2.5V or 3.3V) VCC applications with capability of interfacing to a 5V signal environment.
The LCX16646 is fabricated with an advanced CMOS technology to achieve high speed operation while maintaining CMOS low power dissipation.

Features
■ 5V tolerant inputs and outputs
■ 2.3V–3.6V VCC specifications provided
■ 5.2 ns tPD max (VCC = 3.3V), 20 µA ICC max
■ Power down high impedance inputs and outputs
■ Supports live insertion/withdrawal (Note 1)
■ ±24 mA Output Drive (VCC = 3.0V)
■ Implements patented noise/EMI reduction circuitry
■ Latch-up performance exceeds 500 mA
■ ESD performance:
   Human Body Model > 2000V
   Machine Model > 200V




Similar Part No. - 74LCX16646MTD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LCX16646MTD ONSEMI-74LCX16646MTD Datasheet
228Kb / 12P
   Low Voltage 16-Bit Transceiver/Register
Revised August 2002
More results


Similar Description - 74LCX16646MTD

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX16646AFT TOSHIBA-TC74LCX16646AFT Datasheet
390Kb / 12P
   LOW VOLTAGE 16-BIT TRANSCEIVER/REGISTER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX16652AFT TOSHIBA-TC74LCX16652AFT Datasheet
394Kb / 12P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
ON Semiconductor
74LCX652 ONSEMI-74LCX652 Datasheet
214Kb / 12P
   Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs
Revised March 2001
logo
Fairchild Semiconductor
74LCX16652 FAIRCHILD-74LCX16652 Datasheet
93Kb / 10P
   Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs
74LCX652 FAIRCHILD-74LCX652 Datasheet
108Kb / 10P
   Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs
74LCX16652 FAIRCHILD-74LCX16652_01 Datasheet
108Kb / 10P
   Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs
74LCX32652 FAIRCHILD-74LCX32652 Datasheet
468Kb / 11P
   Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs (Preliminary)
74LCX32646 FAIRCHILD-74LCX32646 Datasheet
507Kb / 11P
   Low Voltage 32-Bit Transceiver/Register with 5V Tolerant Inputs and Outputs (Preliminary)
74LCX646 FAIRCHILD-74LCX646 Datasheet
105Kb / 10P
   Low Voltage Octal Transceiver/Register with 5V Tolerant Inputs and Outputs
74LCXZ16245 FAIRCHILD-74LCXZ16245 Datasheet
92Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com