Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVC00 Datasheet (PDF) - Fairchild Semiconductor

74ALVC00 Datasheet PDF - Fairchild Semiconductor
Part # 74ALVC00
Download  74ALVC00 Download

File Size   89.81 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Quad 2-Input NAND Gate with 3.6V Tolerant Inputs and Outputs

74ALVC00 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVC00 Datasheet PDF - Fairchild Semiconductor

Part # 74ALVC00
Download  74ALVC00 Click to download

File Size   89.81 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Quad 2-Input NAND Gate with 3.6V Tolerant Inputs and Outputs

74ALVC00 Datasheet (HTML) - Fairchild Semiconductor

74ALVC00 Datasheet HTML 1Page - Fairchild Semiconductor 74ALVC00 Datasheet HTML 2Page - Fairchild Semiconductor 74ALVC00 Datasheet HTML 3Page - Fairchild Semiconductor 74ALVC00 Datasheet HTML 4Page - Fairchild Semiconductor 74ALVC00 Datasheet HTML 5Page - Fairchild Semiconductor

74ALVC00 Product details

General Description
The ALVC00 contains four 2-input NAND gates. This product is designed for low voltage (1.65V to 3.6V) VCC applications with I/O compatibility up to 3.6V.
The ALVC00 is fabricated with an advanced CMOS technology to achieve high-speed operation while maintaining low CMOS power dissipation.

Features
■ 1.65V to 3.6V VCC supply operation
■ 3.6V tolerant inputs and outputs
■ tPD
   3 ns max for 3.0V to 3.6V VCC
   3.5 ns max for 2.3V to 2.7V VCC
   4.4 ns max for 1.65V to 1.95V VCC
■ Power-off high impedance inputs and outputs
■ Uses patented Quiet Series¥ noise/EMI reduction
   circuitry
■ Latchup conforms to JEDEC JED78
■ ESD performance:
   Human body model > 2000V
   Machine model > 250V




Similar Part No. - 74ALVC00

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC00 PHILIPS-74ALVC00 Datasheet
87Kb / 16P
   Quad 2-input NAND gate
2003 May 14
logo
ON Semiconductor
74ALVC00 ONSEMI-74ALVC00 Datasheet
200Kb / 6P
   Low Voltage Quad 2-Input NAND Gate
Revised February 2005
logo
Nexperia B.V. All right...
74ALVC00 NEXPERIA-74ALVC00 Datasheet
232Kb / 12P
   Quad 2-input NAND gate
Rev. 5 - 30 April 2021
74ALVC00-Q100 NEXPERIA-74ALVC00-Q100 Datasheet
770Kb / 14P
   Quad 2-input NAND gate
logo
NXP Semiconductors
74ALVC00BQ PHILIPS-74ALVC00BQ Datasheet
87Kb / 16P
   Quad 2-input NAND gate
2003 May 14
More results


Similar Description - 74ALVC00

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCX00FT TOSHIBA-TC74VCX00FT Datasheet
265Kb / 8P
   LOW VOLTAGE QUAD 2-INPUT NAND GATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX00 FAIRCHILD-74VCX00_05 Datasheet
514Kb / 10P
   Low Voltage Quad 2-Input NAND Gate with 3.6V Tolerant Inputs and Outputs
74VCX00 FAIRCHILD-74VCX00 Datasheet
63Kb / 6P
   Low Voltage Quad 2-Input NAND Gate with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC7SA00F TOSHIBA-TC7SA00F Datasheet
293Kb / 8P
   LOW-VOLTAGE 2-INPUT NAND GATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74ALVC132 FAIRCHILD-74ALVC132 Datasheet
94Kb / 5P
   Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs
74VCX132 FAIRCHILD-74VCX132 Datasheet
65Kb / 6P
   Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs
74VCX132 FAIRCHILD-74VCX132_05 Datasheet
499Kb / 10P
   Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs
74VCX38 FAIRCHILD-74VCX38_05 Datasheet
513Kb / 10P
   Low Voltage Quad 2-Input NAND Gate with Open Drain Outputs and 3.6V Tolerant Inputs and Outputs
74VCX38 FAIRCHILD-74VCX38 Datasheet
63Kb / 6P
   Low Voltage Quad 2-Input NAND Gate with Open Drain Outputs and 3.6V Tolerant Inputs and Outputs
74ALVC38 FAIRCHILD-74ALVC38 Datasheet
71Kb / 5P
   Low Voltage Quad 2-Input NAND Gate with Open Drain Outputs and 3.6V Tolerant Inputs and Outputs
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com