Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACTQ74 Datasheet (PDF) - Fairchild Semiconductor

74ACTQ74 Datasheet PDF - Fairchild Semiconductor
Part # 74ACTQ74
Download  74ACTQ74 Download

File Size   215.28 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Quiet Series Dual D-Type Positive Edge-Triggered Flip-Flop

74ACTQ74 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ACTQ74 Datasheet PDF - Fairchild Semiconductor

Part # 74ACTQ74
Download  74ACTQ74 Click to download

File Size   215.28 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Quiet Series Dual D-Type Positive Edge-Triggered Flip-Flop

74ACTQ74 Datasheet (HTML) - Fairchild Semiconductor

74ACTQ74 Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ74 Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ74 Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ74 Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ74 Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ74 Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ74 Datasheet HTML 7Page - Fairchild Semiconductor 74ACTQ74 Datasheet HTML 8Page - Fairchild Semiconductor

74ACTQ74 Product details

General Description

The 74ACTQ74 is a dual D-type flip-flop with Asynchronous Clear and Set inputs and complementary (Q, Q) out puts. Information at the input is transferred to the outputs on the positive edge of the clock pulse. Clock triggering occurs at a voltage level of the clock pulse and is not directly related to the transition time of the positive-going pulse. After the Clock Pulse input threshold voltage has been passed, the Data input is locked out and information present will not be transferred to the outputs until the next rising edge of the Clock Pulse input.



Features

■ICC reduced by 50%

■Guaranteed simultaneous switching noise level and dynamic threshold performance

■Guaranteed pin-to-pin skew AC performance

■Improved latch-up immunity

■4 kV minimum ESD immunity

■TTL-compatible inputs




Similar Part No. - 74ACTQ74

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ00 FAIRCHILD-74ACTQ00 Datasheet
98Kb / 7P
   Quiet Series??Quad 2-Input NAND Gate
74ACTQ00 FAIRCHILD-74ACTQ00 Datasheet
60Kb / 6P
   Quiet Series?줢uad 2-Input NAND Gate
74ACTQ00MTC FAIRCHILD-74ACTQ00MTC Datasheet
98Kb / 7P
   Quiet Series??Quad 2-Input NAND Gate
74ACTQ00MTCX FAIRCHILD-74ACTQ00MTCX Datasheet
98Kb / 7P
   Quiet Series??Quad 2-Input NAND Gate
74ACTQ00PC FAIRCHILD-74ACTQ00PC Datasheet
98Kb / 7P
   Quiet Series??Quad 2-Input NAND Gate
More results


Similar Description - 74ACTQ74

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74 Datasheet
104Kb / 9P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
National Semiconductor ...
54AC74 NSC-54AC74 Datasheet
180Kb / 8P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74AUC2G79 TI-SN74AUC2G79 Datasheet
278Kb / 12P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G80 TI1-SN74AUC2G80_16 Datasheet
851Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80 TI-SN74LVC2G80_08 Datasheet
459Kb / 14P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80 TI-SN74LVC2G80 Datasheet
279Kb / 13P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74_05 Datasheet
111Kb / 10P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74LV74A-Q1 TI1-SN74LV74A-Q1_15 Datasheet
847Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Motorola, Inc
MC5474F74 MOTOROLA-MC5474F74 Datasheet
67Kb / 3P
   DUAL D-TYPE POSITIVE EDGE-TRIGGERED FLIP-FLOP
logo
Unisonic Technologies
U74AC74 UTC-U74AC74_15 Datasheet
170Kb / 6P
   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com