Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACQ374SJX Datasheet (PDF) - Fairchild Semiconductor

74ACQ374SJX Datasheet PDF - Fairchild Semiconductor
Part # 74ACQ374SJX
Download  74ACQ374SJX Download

File Size   106.2 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs

74ACQ374SJX Datasheet (PDF)

Go To PDF Page Download Datasheet
74ACQ374SJX Datasheet PDF - Fairchild Semiconductor

Part # 74ACQ374SJX
Download  74ACQ374SJX Click to download

File Size   106.2 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs

74ACQ374SJX Datasheet (HTML) - Fairchild Semiconductor

Back Button 74ACQ374SJX Datasheet HTML 1Page - Fairchild Semiconductor 74ACQ374SJX Datasheet HTML 2Page - Fairchild Semiconductor 74ACQ374SJX Datasheet HTML 3Page - Fairchild Semiconductor 74ACQ374SJX Datasheet HTML 4Page - Fairchild Semiconductor 74ACQ374SJX Datasheet HTML 5Page - Fairchild Semiconductor 74ACQ374SJX Datasheet HTML 6Page - Fairchild Semiconductor 74ACQ374SJX Datasheet HTML 7Page - Fairchild Semiconductor 74ACQ374SJX Datasheet HTML 8Page - Fairchild Semiconductor 74ACQ374SJX Datasheet HTML 9Page - Fairchild Semiconductor 74ACQ374SJX Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

74ACQ374SJX Product details

General Description
The ACQ/ACTQ374 is a high-speed, low-power octal D type flip-flop featuring separate D-type inputs for each flip flop and 3-STATE outputs for bus-oriented applications. A buffered Clock (CP) and Output Enable (OE) are common to all flip-flops.
The ACQ/ACTQ374 utilizes FACT Quiet Series™ technology to guarantee quiet output switching and improve dynamic threshold performance. FACT Quiet Series fea tures GTO output control and undershoot corrector in addition to a split ground bus for superior performance.

Features
■ ICC and IOZ reduced by 50%
■ Guaranteed simultaneous switching noise level and dynamic threshold performance
■ Guaranteed pin-to-pin skew AC performance
■ Improved latch-up immunity
■ Buffered positive edge-triggered clock
■ 3-STATE outputs drive bus lines or buffer memory address registers
■ Outputs source/sink 24 mA
■ Faster prop delays than the standard AC/ACT374




Similar Part No. - 74ACQ374SJX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACQ374SJ FAIRCHILD-74ACQ374SJ Datasheet
309Kb / 12P
   Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Similar Description - 74ACQ374SJX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACQ574 FAIRCHILD-74ACQ574_07 Datasheet
278Kb / 11P
   Quiet Series Octal D-Type Flip-Flop with 3-STATE Outputs
74ACQ374 FAIRCHILD-74ACQ374_07 Datasheet
309Kb / 12P
   Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
74ACQ574 FAIRCHILD-74ACQ574 Datasheet
98Kb / 10P
   Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
logo
National Semiconductor ...
54ACQ374 NSC-54ACQ374 Datasheet
173Kb / 8P
   Quiet Series Octal D Flip-Flop with TRI-STATE Outputs
54ACTQ574 NSC-54ACTQ574 Datasheet
189Kb / 8P
   Quiet Series Octal D Flip-Flop with TRI-STATE Outputs
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com