Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AC138 Datasheet (PDF) - Fairchild Semiconductor

74AC138 Datasheet PDF - Fairchild Semiconductor
Part # 74AC138
Download  74AC138 Download
File Size   100.9 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 1-of-8 Decoder/Demultiplexer

74AC138 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AC138 Datasheet PDF - Fairchild Semiconductor

Part # 74AC138
Download  74AC138 Click to download

File Size   100.9 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 1-of-8 Decoder/Demultiplexer

74AC138 Datasheet (HTML) - Fairchild Semiconductor


74AC138 Product details

General Description
The AC/ACT138 is a high-speed 1-of-8 decoder/demultiplexer. This device is ideally suited for high-speed bipolar memory chip select address decoding. The multiple input enables allow parallel expansion to a 1-of-24 decoder using just three AC/ACT138 devices or a 1-of-32 decoder using four AC/ACT138 devices and one inverter.

Features
■ ICC reduced by 50%
■ Demultiplexing capability
■ Multiple input enable for easy expansion
■ Active LOW mutually exclusive outputs
■ Outputs source/sink 24 mA
■ ACT138 has TTL-compatible inputs




Similar Part No. - 74AC138

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74AC138 ONSEMI-74AC138 Datasheet
189Kb / 11P
1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 6
logo
STMicroelectronics
74AC138 STMICROELECTRONICS-74AC138 Datasheet
275Kb / 10P
3 TO 8 LINE DECODER INVERTING
74AC138 STMICROELECTRONICS-74AC138 Datasheet
286Kb / 10P
3 TO 8 LINE DECODER (INVERTING)
April 2001
logo
ON Semiconductor
74AC138 ONSEMI-74AC138 Datasheet
209Kb / 11P
1-of-8 Decoder/Demultiplexer
Revised July 2003
74AC138ALYW ONSEMI-74AC138ALYW Datasheet
189Kb / 11P
1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 6
More results


Similar Description - 74AC138

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS138 MOTOROLA-SN54LS138 Datasheet
185Kb / 5P
1-OF-8 DECODER/ DEMULTIPLEXER
logo
National Semiconductor ...
54F138DM NSC-54F138DM Datasheet
174Kb / 10P
1-of-8 Decoder/Demultiplexer
logo
ON Semiconductor
MC74HC138A ONSEMI-MC74HC138A Datasheet
185Kb / 8P
1-of-8 Decoder/Demultiplexer
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS138 PHILIPS-74ALS138 Datasheet
76Kb / 8P
1-of-8 decoder/demultiplexer
1996 Jul 03
logo
Hitachi Semiconductor
HD74AC138 HITACHI-HD74AC138 Datasheet
66Kb / 11P
1-of-8 Decoder/Demultiplexer
logo
Integral Corp.
IN74ACT138 INTEGRAL-IN74ACT138 Datasheet
161Kb / 5P
1-OF-8 DECODER/DEMULTIPLEXER
IN74HCT138A INTEGRAL-IN74HCT138A Datasheet
144Kb / 5P
1-OF-8 DECODER/DEMULTIPLEXER
logo
ON Semiconductor
MC74HC238A ONSEMI-MC74HC238A_13 Datasheet
142Kb / 9P
1-of-8 Decoder/ Demultiplexer
June, 2013 ??Rev. 4
MC74HC138A ONSEMI-MC74HC138A_12 Datasheet
142Kb / 10P
1-of-8 Decoder/ Demultiplexer
July, 2012 ??Rev. 12
74AC138 ONSEMI-74AC138 Datasheet
209Kb / 11P
1-of-8 Decoder/Demultiplexer
Revised July 2003
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com