Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74ABT377 Datasheet (PDF) - Fairchild Semiconductor

74ABT377 Datasheet PDF - Fairchild Semiconductor
Part No. 74ABT377
Download  74ABT377 Click to view

File Size   101.67 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Octal D-Type Flip-Flop with Clock Enable

74ABT377 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ABT377 Datasheet PDF - Fairchild Semiconductor

Part No. 74ABT377
Download  74ABT377 Click to view

File Size   101.67 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Octal D-Type Flip-Flop with Clock Enable

74ABT377 Datasheet (HTML) - Fairchild Semiconductor

74ABT377 Datasheet HTML 1Page - Fairchild Semiconductor 74ABT377 Datasheet HTML 2Page - Fairchild Semiconductor 74ABT377 Datasheet HTML 3Page - Fairchild Semiconductor 74ABT377 Datasheet HTML 4Page - Fairchild Semiconductor 74ABT377 Datasheet HTML 5Page - Fairchild Semiconductor 74ABT377 Datasheet HTML 6Page - Fairchild Semiconductor 74ABT377 Datasheet HTML 7Page - Fairchild Semiconductor 74ABT377 Datasheet HTML 8Page - Fairchild Semiconductor 74ABT377 Datasheet HTML 9Page - Fairchild Semiconductor

74ABT377 Product details

General Description
The ABT377 has eight edge-triggered, D-type flip-flops with individual D inputs and Q outputs. The common buffered Clock (CP) input loads all flip-flops simultaneously when the Clock Enable (CE) is LOW.
The register is fully edge-triggered. The state of each D input, one setup time before the LOW-to-HIGH clock transition, is transferred to the corresponding flip-flop’s Q output. The CE input must be stable only one setup time prior to the LOW-to-HIGH clock transition for predictable operation.

Features
■ Clock enable for address and data synchronization applications
■ Eight edge-triggered D-type flip-flops
■ Buffered common clock
■ See ABT273 for master reset version
■ See ABT373 for transparent latch version
■ See ABT374 for 3-STATE version
■ Output sink capability of 64 mA, source capability of 32 mA
■ Guaranteed latchup protection
■ High impedance glitch free bus loading during entire
   power up and power down cycle
■ Non-destructive hot insertion capability
■ Disable time less than enable time to avoid bus contention



Similar Part No. - 74ABT377

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
74ABT377A PHILIPS-74ABT377A Datasheet
55Kb / 12P
   Octal D-type flip-flop with enable
1997 Feb 26
74ABT377AD PHILIPS-74ABT377AD Datasheet
55Kb / 12P
   Octal D-type flip-flop with enable
1997 Feb 26
74ABT377ADB PHILIPS-74ABT377ADB Datasheet
55Kb / 12P
   Octal D-type flip-flop with enable
1997 Feb 26
74ABT377AN PHILIPS-74ABT377AN Datasheet
55Kb / 12P
   Octal D-type flip-flop with enable
1997 Feb 26
74ABT377APW PHILIPS-74ABT377APW Datasheet
55Kb / 12P
   Octal D-type flip-flop with enable
1997 Feb 26
More results

Similar Description - 74ABT377

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
74AC377 FAIRCHILD-74AC377_08 Datasheet
426Kb / 13P
   Octal D-Type Flip-Flop with Clock Enable
Texas Instruments
Texas Instruments
74ACT11377 TI1-74ACT11377_10 Datasheet
87Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
SN74F377A TI1-SN74F377A_16 Datasheet
813Kb / 13P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
SN74F377A TI-SN74F377A Datasheet
69Kb / 5P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
Fairchild Semiconductor
Fairchild Semiconductor
74F377 FAIRCHILD-74F377_00 Datasheet
75Kb / 7P
   Octal D-Type Flip-Flop with Clock Enable
National Semiconductor (TI)
National Semiconductor ...
54FCT377 NSC-54FCT377 Datasheet
151Kb / 8P
   Octal D-Type Flip-Flop with Clock Enable
Fairchild Semiconductor
Fairchild Semiconductor
74AC377 FAIRCHILD-74AC377 Datasheet
113Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
Texas Instruments
Texas Instruments
74ACT11377 TI-74ACT11377 Datasheet
71Kb / 5P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
Fairchild Semiconductor
Fairchild Semiconductor
74F377 FAIRCHILD-74F377 Datasheet
62Kb / 6P
   Octal D-Type Flip-Flop with Clock Enable
National Semiconductor (TI)
National Semiconductor ...
54ABT377 NSC-54ABT377 Datasheet
151Kb / 8P
   Octal D-Type Flip-Flop with Clock Enable
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz