Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIMS60 Datasheet (PDF) - Major League Electronics

SIMS60 Datasheet PDF - Major League Electronics
Part # SIMS60
Download  SIMS60 Download

File Size   87.97 Kbytes
Page   2 Pages
Manufacturer  MAJOR-LEAGUE [Major League Electronics]
Direct Link  http://www.mlelectronics.com
Logo MAJOR-LEAGUE - Major League Electronics
Description SIM Card Connector Push/Push Type 6 or 8 Pin

SIMS60 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIMS60 Datasheet PDF - Major League Electronics

Part # SIMS60
Download  SIMS60 Click to download

File Size   87.97 Kbytes
Page   2 Pages
Manufacturer  MAJOR-LEAGUE [Major League Electronics]
Direct Link  http://www.mlelectronics.com
Logo MAJOR-LEAGUE - Major League Electronics
Description SIM Card Connector Push/Push Type 6 or 8 Pin

SIMS60 Datasheet (HTML) - Major League Electronics

SIMS60 Datasheet HTML 1Page - Major League Electronics SIMS60 Datasheet HTML 2Page - Major League Electronics



Similar Part No. - SIMS60

ManufacturerPart #DatasheetDescription
logo
Major League Electronic...
SIMS15 MAJOR-LEAGUE-SIMS15 Datasheet
86Kb / 2P
   6 or 8 Pin Surface Mount SIM Connector With Switch and Optional Post
SIMS22 MAJOR-LEAGUE-SIMS22 Datasheet
85Kb / 2P
   6 or 8 Pin Surface Mount SIM Connector
SIMS26 MAJOR-LEAGUE-SIMS26 Datasheet
80Kb / 2P
   6 or 8 Pin Surface Mount SIM Connector With Optional Post
SIMS32 MAJOR-LEAGUE-SIMS32 Datasheet
111Kb / 2P
   6 Pin Surface Mount SIM Connector
SIMS41 MAJOR-LEAGUE-SIMS41 Datasheet
86Kb / 2P
   6 or 8 Pin Surface Mount SIM Connector With Optional Post
More results


Similar Description - SIMS60

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
SIM7100 GCT-SIM7100 Datasheet
267Kb / 3P
   Micro SIM Card Connector - Push-Push Type 6 or 8 Pin, SMT, 1.50mm Profile
12th September 2014
SIM7155 GCT-SIM7155 Datasheet
207Kb / 3P
   Micro SIM Card Connector - Push-Push Type 6 Pin, SMT, 1.43mm Profile
12th April 2021
logo
Yamaichi Electronics Co...
FMS008-6001-0 YAMAICHI-FMS008-6001-0 Datasheet
325Kb / 1P
   8 Pin SIM Card Reader (Push / Push with Switch)
logo
Molex Electronics Ltd.
301162 MOLEX11-301162 Datasheet
133Kb / 1P
   PUSH PUSH 6 PINS SIM WITH DETECT PIN AND POST
logo
Wurth Elektronik GmbH &...
693021010811 WURTH-693021010811 Datasheet
1Mb / 4P
   WR-CRD - MICRO SIM - PUSH & PUSH TYPE - 8 PINS
logo
Global Connector Techno...
SIM8051 GCT-SIM8051 Datasheet
244Kb / 3P
   Nano SIM Card Connector Push-Pull Type, 6 Pin, SMT, Profile 1.35mm
28th April 2015
logo
SUYIN USA, INC.
254070FB008S505ZL SUYIN-USA-254070FB008S505ZL Datasheet
191Kb / 1P
   SIM CARD PUSH-PUSH CONN
254070FB007S120ZL SUYIN-USA-254070FB007S120ZL Datasheet
148Kb / 1P
   SIM CARD PUSH-PUSH CONN
logo
ATTEND Technology Inc.
115A ATTEND-115A Datasheet
328Kb / 4P
   SIM Card Socket , Push-Push Type, 82 Pin, 10u”, Reel, w/switch, (w/Logo)
2022/03/04
logo
Wurth Elektronik GmbH &...
693043020611 WURTH-693043020611 Datasheet
452Kb / 3P
   NANO SIM - PUSH & PULL TYPE - 6 PINS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com