Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD8318 Datasheet (PDF) - Fairchild Semiconductor

FOD8318 Datasheet PDF - Fairchild Semiconductor
Part # FOD8318
Download  FOD8318 Download

File Size   608.08 Kbytes
Page   31 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing

FOD8318 Datasheet (PDF)

Go To PDF Page Download Datasheet
FOD8318 Datasheet PDF - Fairchild Semiconductor

Part # FOD8318
Download  FOD8318 Click to download

File Size   608.08 Kbytes
Page   31 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing

FOD8318 Datasheet (HTML) - Fairchild Semiconductor

Back Button FOD8318 Datasheet HTML 1Page - Fairchild Semiconductor FOD8318 Datasheet HTML 2Page - Fairchild Semiconductor FOD8318 Datasheet HTML 3Page - Fairchild Semiconductor FOD8318 Datasheet HTML 4Page - Fairchild Semiconductor FOD8318 Datasheet HTML 5Page - Fairchild Semiconductor FOD8318 Datasheet HTML 6Page - Fairchild Semiconductor FOD8318 Datasheet HTML 7Page - Fairchild Semiconductor FOD8318 Datasheet HTML 8Page - Fairchild Semiconductor FOD8318 Datasheet HTML 9Page - Fairchild Semiconductor FOD8318 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FOD8318 Product details

Description

The FOD8318 is an advanced 2.5 A output current IGBT drive optocoupler capable of driving most 1200 V / 150 A IGBTs. It is ideally suited for fast-switching driving of power IGBTs and MOSFETs used in motor control inverter applications and high-performance power systems. It consists of an integrated gate drive optocoupler featuring low RDS(ON) CMOS transistors to drive the IGBT from rail to rail and an integrated high speed isolated feedback for fault sensing. The FOD8318 has an active Miller clamp fuction to shut off the IGBT during a high dv/dt situation without the need of a negative supply voltage. It offers critical protection features necessary for preventing fault conditions that lead to destructive thermal runaway of IGBTs.



Features

High noise immunity characterized by common mode rejection

– 35 kV / µs Minimum Common Mode Rejection (Vcm = 1500 Vpeak)

2.5 A peak output current driving capability for most 1200 V / 150 A IGBT

Optically isolated fault sensing feedback

Active Miller clamp to shut off the IGBT during high dv/dt without needing a negative supply voltage

“Soft” IGBT turn-off

Built-in IGBT protection

– Desaturation detection

– Under-voltage lock out (UVLO) protection

Wide supply voltage range from 15 V to 30 V

– Use of P-Channel MOSFETs at output stage enables output voltage swing close to the supply rail (rail-to-rail output)

3.3 V / 5 V, CMOS/TTL-compatible inputs

High Speed

– 500 ns max. propagation delay over full operating temperature range

Extended industrial temperate range, -40°C to 100°C temperature range

Safety and regulatory approvals

– UL1577, 4,243 VRMS for 1 min.

– DIN EN/IEC 60747-5-5,1,414 Vpeak working insulation voltage, 8000 Vpeak transient isolation voltage ratings

RDS(ON) of 1  (typ.) offers lower power dissipation

User configurable: inverting, non-inverting, auto-reset, auto-shutdown

8 mm creepage and clearance distances



Applications

Industrial inverter

Induction heating

Isolated IGBT drive




Similar Part No. - FOD8318

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FOD8318 ONSEMI-FOD8318 Datasheet
497Kb / 30P
   2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
October 2017 Rev. 2
FOD8318 ONSEMI-FOD8318 Datasheet
555Kb / 29P
   2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
January, 2023 - Rev. 4
FOD8318R2 ONSEMI-FOD8318R2 Datasheet
497Kb / 30P
   2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
October 2017 Rev. 2
FOD8318R2 ONSEMI-FOD8318R2 Datasheet
555Kb / 29P
   2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
January, 2023 - Rev. 4
FOD8318R2V ONSEMI-FOD8318R2V Datasheet
497Kb / 30P
   2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
October 2017 Rev. 2
More results


Similar Description - FOD8318

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FOD8318 ONSEMI-FOD8318 Datasheet
497Kb / 30P
   2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
October 2017 Rev. 2
FOD8318 ONSEMI-FOD8318_V01 Datasheet
555Kb / 29P
   2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
January, 2023 - Rev. 4
FOD8316 ONSEMI-FOD8316 Datasheet
450Kb / 29P
   2.5 A Output Current, IGBT Drive Optocoupler with Desaturation Detection and Isolated Fault Sensing
October 2017 Rev. 2
FOD8316 ONSEMI-FOD8316_V01 Datasheet
463Kb / 28P
   2.5 A Output Current, IGBT Drive Optocoupler with Desaturation Detection and Isolated Fault Sensing
February, 2023 - Rev. 3
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-332J-000E AVAGO-ACPL-332J-000E Datasheet
299Kb / 23P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO Fault Status Feedback and Active Miller Clamping
ACPL-331J-500E AVAGO-ACPL-331J-500E Datasheet
300Kb / 22P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO, Fault Status Feedback and Active Miller Clamping
logo
Broadcom Corporation.
ACPL-5160 BOARDCOM-ACPL-5160 Datasheet
2Mb / 36P
   2.5-Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-5160 AVAGO-ACPL-5160 Datasheet
557Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
HCPL-316J-500E AVAGO-HCPL-316J-500E Datasheet
332Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
HCPL-316J-000E AVAGO-HCPL-316J-000E Datasheet
332Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com