Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0470230001 Datasheet (PDF) - Molex Electronics Ltd.

0470230001 Datasheet PDF - Molex Electronics Ltd.
Part # 0470230001
Download  0470230001 Download

File Size   85.76 Kbytes
Page   1 Pages
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.
Description 1,9MM (HEAIGHT) HINGED SIM CARD READER CONNECTOR

0470230001 Datasheet (PDF)

Go To PDF Page Download Datasheet
0470230001 Datasheet PDF - Molex Electronics Ltd.

Part # 0470230001
Download  0470230001 Click to download

File Size   85.76 Kbytes
Page   1 Pages
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.
Description 1,9MM (HEAIGHT) HINGED SIM CARD READER CONNECTOR

0470230001 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 0470230001

ManufacturerPart #DatasheetDescription
logo
STEGO Elektrotechnik Gm...
04702.0-00 STEGO-04702.0-00 Datasheet
161Kb / 1P
   SMALL SEMICONDUCTOR HEATER
24.08.2020
04702.9-00 STEGO-04702.9-00 Datasheet
161Kb / 1P
   SMALL SEMICONDUCTOR HEATER
24.08.2020
More results


Similar Description - 0470230001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0473880001 MOLEX11-0473880001 Datasheet
118Kb / 1P
   1,9MM (HEAIGHT) HINGED SIM CARD READER CONNECTOR
logo
FCI connector
7111S2015X0X FCI-CONNECTOR-7111S2015X0X Datasheet
214Kb / 2P
   SIM CARD READER
logo
Yamaichi Electronics Co...
FMS006-3000-1 YAMAICHI-FMS006-3000-1 Datasheet
135Kb / 2P
   SIM Card Reader
logo
Global Connector Techno...
SIM8060 GCT-SIM8060 Datasheet
263Kb / 4P
   Nano SIM Card Connector Hinged Type,SMT,6Pin, 1.43mm Profile
6th September 2018
SIM7200 GCT-SIM7200 Datasheet
242Kb / 4P
   Micro SIM Card Connector Hinged Type, 6 Pin, SMT, 1.75mm Profile
8th September 2016
logo
Amphenol Corporation
101-00271-82 AMPHENOL-101-00271-82 Datasheet
148Kb / 1P
   SIM CARD READER 8PIN(PUCH/PCH)WITH SWITCH
logo
Yamaichi Electronics Co...
FMS006-5000-0 YAMAICHI-FMS006-5000-0 Datasheet
111Kb / 1P
   SIM Card Reader (Manual, Std. Type without Switch)
FMS008-4000-T-EDC YAMAICHI-FMS008-4000-T-EDC Datasheet
139Kb / 1P
   8 Pin SIM Card Reader (Manual) with Separate Switch
FMS006-2320-0 YAMAICHI-FMS006-2320-0 Datasheet
112Kb / 1P
   SIM Card Reader (Push / Lock, Reversed w/o Switch)
FMS008-6001-0 YAMAICHI-FMS008-6001-0 Datasheet
325Kb / 1P
   8 Pin SIM Card Reader (Push / Push with Switch)
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com