Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRD6800A16 Datasheet (PDF) - Dynex Semiconductor

DRD6800A16 Datasheet PDF - Dynex Semiconductor
Part # DRD6800A16
Download  DRD6800A16 Download

File Size   274.38 Kbytes
Page   6 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description Rectifier Diode

DRD6800A16 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRD6800A16 Datasheet PDF - Dynex Semiconductor

Part # DRD6800A16
Download  DRD6800A16 Click to download

File Size   274.38 Kbytes
Page   6 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description Rectifier Diode

DRD6800A16 Datasheet (HTML) - Dynex Semiconductor

DRD6800A16 Datasheet HTML 1Page - Dynex Semiconductor DRD6800A16 Datasheet HTML 2Page - Dynex Semiconductor DRD6800A16 Datasheet HTML 3Page - Dynex Semiconductor DRD6800A16 Datasheet HTML 4Page - Dynex Semiconductor DRD6800A16 Datasheet HTML 5Page - Dynex Semiconductor DRD6800A16 Datasheet HTML 6Page - Dynex Semiconductor

DRD6800A16 Product details

KEY PARAMETERS
   VRRM 2200V
   IF(AV) 6800A
   IFSM 94000A

FEATURES
• Double Side Cooling
• High Surge Capability




Similar Part No. - DRD6800A16

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DRD6800A22 DYNEX-DRD6800A22_15 Datasheet
274Kb / 6P
   Rectifier Diode
More results


Similar Description - DRD6800A16

ManufacturerPart #DatasheetDescription
logo
Rohm
1SR154-400 ROHM-1SR154-400_1 Datasheet
136Kb / 4P
   Rectifier diode
logo
eupec GmbH
D1481N EUPEC-D1481N Datasheet
217Kb / 8P
   Rectifier Diode
logo
SEMPO ELECTRONIC Limite...
SMDCX-3000 SEMPO-SMDCX-3000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMDCX-2000 SEMPO-SMDCX-2000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMD-12 SEMPO-SMD-12 Datasheet
37Kb / 1P
   Rectifier Diode
SMDCX-300 SEMPO-SMDCX-300 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-400 SEMPO-SMDCX-400 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-500 SEMPO-SMDCX-500 Datasheet
49Kb / 1P
   Rectifier Diode
logo
Semikron International
SK3 SEMIKRON-SK3 Datasheet
317Kb / 3P
   Rectifier Diode
logo
Rohm
1SR139-600 ROHM-1SR139-600 Datasheet
164Kb / 4P
   Rectifier diode
logo
ABB
5SDD33L5500 ABB-5SDD33L5500 Datasheet
829Kb / 6P
   Rectifier Diode
More results




About Dynex Semiconductor


Dynex Semiconductor was a British company that specialized in the design and manufacture of high-power semiconductors.
The company was founded in 1967 and was headquartered in Lincoln, England.
Dynex was known for its expertise in high-power semiconductor technology and its ability to deliver custom-designed power devices for various applications such as power conversion, motor control, and renewable energy systems.
In 2015, Dynex was acquired by Infineon Technologies, a leading provider of power and sensor systems.
The Dynex brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com