Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADR292ER-REEL7 Datasheet (PDF) - Analog Devices

ADR292ER-REEL7 Datasheet PDF - Analog Devices
Part # ADR292ER-REEL7
Download  ADR292ER-REEL7 Download

File Size   199.78 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise Micropower Precision Voltage References

ADR292ER-REEL7 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADR292ER-REEL7 Datasheet PDF - Analog Devices

Part # ADR292ER-REEL7
Download  ADR292ER-REEL7 Click to download

File Size   199.78 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise Micropower Precision Voltage References

ADR292ER-REEL7 Datasheet (HTML) - Analog Devices

Back Button ADR292ER-REEL7 Datasheet HTML 1Page - Analog Devices ADR292ER-REEL7 Datasheet HTML 2Page - Analog Devices ADR292ER-REEL7 Datasheet HTML 3Page - Analog Devices ADR292ER-REEL7 Datasheet HTML 4Page - Analog Devices ADR292ER-REEL7 Datasheet HTML 5Page - Analog Devices ADR292ER-REEL7 Datasheet HTML 6Page - Analog Devices ADR292ER-REEL7 Datasheet HTML 7Page - Analog Devices ADR292ER-REEL7 Datasheet HTML 8Page - Analog Devices ADR292ER-REEL7 Datasheet HTML 9Page - Analog Devices ADR292ER-REEL7 Datasheet HTML 10Page - Analog Devices Next Button 

ADR292ER-REEL7 Product details

GENERAL DESCRIPTION
The ADR290, ADR291 and ADR292 are low noise, micropower precision voltage references that use an XFET™ reference circuit. The new XFET architecture offers significant performance improvements over traditional bandgap and Zener-based references. Improvements include: one quarter the voltage noise output of bandgap references operating at the same current, very low and ultralinear temperature drift, low thermal hysteresis and excellent long-term stability.

FEATURES
   Voltage Options 2.048 V, 2.500 V and 4.096 V
   2.7 V to 15 V Supply Range
   Supply Current 12 mA max
   Initial Accuracy 62 mV max
   Temperature Coefficient 8 ppm/8C max
   Low-Noise 6 mV p-p (0.1 Hz–10 Hz)
   High Output Current 5 mA min
   Temperature Range 2408C to 11258C
   REF02/REF19x Pinout

APPLICATIONS
   Portable Instrumentation
   Precision Reference for 3 V and 5 V Systems
   A/D and D/A Converter Reference
   Solar Powered Applications
   Loop-Current Powered Instruments




Similar Part No. - ADR292ER-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR292ERZ AD-ADR292ERZ Datasheet
348Kb / 20P
   Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
ADR292ERZ-REEL AD-ADR292ERZ-REEL Datasheet
348Kb / 20P
   Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
More results


Similar Description - ADR292ER-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR392ART-REEL AD-ADR392ART-REEL Datasheet
431Kb / 20P
   Micropower, Low Noise Precision Voltage References with Shutdown
Rev. H
ADR391 AD-ADR391 Datasheet
431Kb / 20P
   Micropower, Low Noise Precision Voltage References with Shutdown
Rev. H
REF191 AD-REF191 Datasheet
616Kb / 24P
   Precision Micropower, Low Dropout Voltage References
REV. E
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190 Datasheet
293Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190 MAXIM-MAX6190 Datasheet
232Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
logo
Analog Devices
REF19X AD-REF19X Datasheet
649Kb / 28P
   Precision Micropower, Low Dropout Voltage References
Rev. I
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190_V01 Datasheet
263Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
2010
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Diodes Incorporated
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Intersil Corporation
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com