Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADR420BR Datasheet (PDF) - Analog Devices

ADR420BR Datasheet PDF - Analog Devices
Part # ADR420BR
Download  ADR420BR Download

File Size   223.25 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References

ADR420BR Datasheet (PDF)

Go To PDF Page Download Datasheet
ADR420BR Datasheet PDF - Analog Devices

Part # ADR420BR
Download  ADR420BR Click to download

File Size   223.25 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References

ADR420BR Datasheet (HTML) - Analog Devices

Back Button ADR420BR Datasheet HTML 1Page - Analog Devices ADR420BR Datasheet HTML 2Page - Analog Devices ADR420BR Datasheet HTML 3Page - Analog Devices ADR420BR Datasheet HTML 4Page - Analog Devices ADR420BR Datasheet HTML 5Page - Analog Devices ADR420BR Datasheet HTML 6Page - Analog Devices ADR420BR Datasheet HTML 7Page - Analog Devices ADR420BR Datasheet HTML 8Page - Analog Devices ADR420BR Datasheet HTML 9Page - Analog Devices ADR420BR Datasheet HTML 10Page - Analog Devices Next Button 

ADR420BR Product details

GENERAL DESCRIPTION
The ADR42x are a series of ultraprecision, second generation eXtra implanted junction FET (XFET) voltage references featuring low noise, high accuracy, and excellent long-term stability in SOIC and MSOP footprints.
   
FEATURES
    Low noise (0.1 Hz to 10 Hz)
        ADR420: 1.75 μV p-p
        ADR421: 1.75 μV p-p
        ADR423: 2.0 μV p-p
        ADR425: 3.4 μV p-p
    Low temperature coefficient: 3 ppm/°C
    Long-term stability: 50 ppm/1000 hours
    Load regulation: 70 ppm/mA
    Line regulation: 35 ppm/V
    Low hysteresis: 40 ppm typical
    Wide operating range
        ADR420: 4 V to 18 V
        ADR421: 4.5 V to 18 V
        ADR423: 5 V to 18 V
        ADR425: 7 V to 18 V
    Quiescent current: 0.5 mA maximum
    High output current: 10 mA
    Wide temperature range: −40°C to +125°C
   
APPLICATIONS
    Precision data acquisition systems
    High resolution converters
    Battery-powered instrumentation
    Portable medical instruments
    Industrial process control systems
    Precision instruments
    Optical network control circuits
   




Similar Part No. - ADR420BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR420BRZ AD-ADR420BRZ Datasheet
392Kb / 24P
   Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
ADR420BRZ-REEL7 AD-ADR420BRZ-REEL7 Datasheet
392Kb / 24P
   Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
More results


Similar Description - ADR420BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR420 AD-ADR420_11 Datasheet
392Kb / 24P
   Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
ADR380 AD-ADR380 Datasheet
316Kb / 12P
   Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
REV. A
ADR381 AD-ADR381_15 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR380 AD-ADR380_15 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR381ART AD-ADR381ART Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR423 AD-ADR423_15 Datasheet
459Kb / 24P
   Ultraprecision, Low Noise Voltage References
Rev. J
ADR421 AD-ADR421_15 Datasheet
459Kb / 24P
   Ultraprecision, Low Noise Voltage References
Rev. J
ADR420 AD-ADR420_15 Datasheet
459Kb / 24P
   Ultraprecision, Low Noise Voltage References
Rev. J
ADR425 AD-ADR425_15 Datasheet
459Kb / 24P
   Ultraprecision, Low Noise Voltage References
Rev. J
ADR291GRUZ-REEL7 AD-ADR291GRUZ-REEL7 Datasheet
348Kb / 20P
   Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com