Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BGC30GH Datasheet (PDF) - Zowie Technology Corporation

BGC30GH Datasheet PDF - Zowie Technology Corporation
Part # BGC30GH
Download  BGC30GH Download

File Size   64.06 Kbytes
Page   2 Pages
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation
Description Low VF Rectifier Diode

BGC30GH Datasheet (PDF)

Go To PDF Page Download Datasheet
BGC30GH Datasheet PDF - Zowie Technology Corporation

Part # BGC30GH
Download  BGC30GH Click to download

File Size   64.06 Kbytes
Page   2 Pages
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation
Description Low VF Rectifier Diode

BGC30GH Datasheet (HTML) - Zowie Technology Corporation

BGC30GH Datasheet HTML 1Page - Zowie Technology Corporation BGC30GH Datasheet HTML 2Page - Zowie Technology Corporation

BGC30GH Product details

FEATURES
* Halogen-free type
* Compliance to RoHS product
* GPRC (Glass passivated rectifier chip) inside
* Glass passivated cavity-free junction
* Lead less chip form, no lead damage
* Low forward voltage drop
* Plastic package has Underwriters Laboratory Flammability
   Classification 94V-0

APPLICATION
* General purpose rectification
* Surge absorption

MECHANICAL DATA
   Case : Packed with FRP substrate and epoxy underfilled
   Terminals : Pure Tin plated (Lead-Free),
      solderable per MIL-STD-750, Method 2026.
   Polarity : Cathode Band, Laser marking
   Weight : 0.04 gram




Similar Part No. - BGC30GH

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
BGC30GLH ZOWIE-BGC30GLH Datasheet
49Kb / 2P
   Low VF Rectifier Diode
BGC30GLH ZOWIE-BGC30GLH Datasheet
65Kb / 2P
   Low VF Rectifier Diode
logo
Gaomi Xinghe Electronic...
BGC30GLH GXELECTRONICS-BGC30GLH Datasheet
313Kb / 2P
   Low VF Rectifier Diode (200V~1000V / 3.0A)
More results


Similar Description - BGC30GH

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GC10DLH ZOWIE-GC10DLH Datasheet
48Kb / 2P
   Low VF Rectifier Diode
GC20DLH ZOWIE-GC20DLH Datasheet
48Kb / 2P
   Low VF Rectifier Diode
GP20DL ZOWIE-GP20DL Datasheet
61Kb / 2P
   Low VF Rectifier Diode
BGC30DLH ZOWIE-BGC30DLH_10 Datasheet
65Kb / 2P
   Low VF Rectifier Diode
BGC30DLH ZOWIE-BGC30DLH Datasheet
49Kb / 2P
   Low VF Rectifier Diode
BGC20DLH ZOWIE-BGC20DLH_11 Datasheet
77Kb / 2P
   Low VF Rectifier Diode
GP30DLH ZOWIE-GP30DLH Datasheet
356Kb / 2P
   Low VF Rectifier Diode
BGC20DLH ZOWIE-BGC20DLH Datasheet
48Kb / 2P
   Low VF Rectifier Diode
GP20DLH ZOWIE-GP20DLH Datasheet
61Kb / 2P
   Low VF Rectifier Diode
G110DL ZOWIE-G110DL Datasheet
60Kb / 2P
   Low VF Rectifier Diode
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com